Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 81Page - Renesas Technology Corp SH7727 Datasheet HTML 82Page - Renesas Technology Corp SH7727 Datasheet HTML 83Page - Renesas Technology Corp SH7727 Datasheet HTML 84Page - Renesas Technology Corp SH7727 Datasheet HTML 85Page - Renesas Technology Corp SH7727 Datasheet HTML 86Page - Renesas Technology Corp SH7727 Datasheet HTML 87Page - Renesas Technology Corp SH7727 Datasheet HTML 88Page - Renesas Technology Corp SH7727 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 13 of 1034
REJ09B0254-0500
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A) Name
I/O
Function
61
A19
A0
O
Address bus
62
D18
A1
O
Address bus
63
B19
A2
O
Address bus
64
C18
VssQ
—
Input/output power supply (0 V)
65
C19
A3
O
Address bus
66
E18
VccQ
—
Input/output power supply (3.3 V)
67
D19
A4
O
Address bus
68
D17
A5
O
Address bus
69
E19
A6
O
Address bus
70
D16
A7
O
Address bus
71
E17
A8
O
Address bus
72
E16
A9
O
Address bus
73
F19
A10
O
Address bus
74
F18
A11
O
Address bus
75
F17
VssQ
—
Input/output power supply (0 V)
76
F16
A12
O
Address bus
77
G19
VccQ
—
Input/output power supply (3.3 V)
78
G18
A13
O
Address bus
79
G17
A14
O
Address bus
80
G16
A15
O
Address bus
81
H19
A16
O
Address bus
82
H18
A17
O
Address bus
83
H17
A18
O
Address bus
84
H16
A19
O
Address bus
85
J19
A20
O
Address bus
86
J18
VssQ
—
Input/output power supply (0 V)
87
J16
A21
O
Address bus
88
J17
VccQ
—
Input/output power supply (3.3 V)
89
K19
A22
O
Address bus
90
K16
A23
O
Address bus
91
K17
Vss
—
Power supply (0 V)
92
K18
A24
O
Address bus
93
L17
Vcc
—
Power supply (1.9 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com