| Electronic Components Datasheet Search |
|
SH7727 Datasheet(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 Datasheet(HTML) 63 Page - Renesas Technology Corp |
|
63 / 1109 page ![]() Rev. 5.00 Dec 12, 2005 page lxiii of lxxii Figure 32.26 Synchronous DRAM Read Bus Cycle (Burst Read (Single Read × 4), RCD = 1, CAS Latency = 3, TPC = 0)................................................................... 960 Figure 32.27 Synchronous DRAM Write Bus Cycle (RCD = 0, TPC = 0, TRWL = 0).............. 961 Figure 32.28 Synchronous DRAM Write Bus Cycle (RCD = 2, TPC = 1, TRWL = 1).............. 962 Figure 32.29 Synchronous DRAM Write Bus Cycle (Burst Mode (Single Write × 4), RCD = 0, TPC = 1, TRWL = 0) ............................................................................. 963 Figure 32.30 Synchronous DRAM Write Bus Cycle (Burst Mode (Single Write × 4), RCD = 1, TPC = 0, TRWL = 0) ............................................................................. 964 Figure 32.31 Synchronous DRAM Auto-Refresh Cycle (TRAS = 1, TPC = 1).......................... 965 Figure 32.32 Synchronous DRAM Self-Refresh Cycle (TPC = 0).............................................. 966 Figure 32.33 Synchronous DRAM Mode Register Write Cycle ................................................. 967 Figure 32.34 PCMCIA Memory Bus Cycle (TED = 0, TEH = 0, No Wait) ............................... 968 Figure 32.35 PCMCIA Memory Bus Cycle (TED = 2, TEH = 1, One Wait, External Wait, WAITSEL = 1) ............................ 969 Figure 32.36 PCMCIA Memory Bus Cycle (Burst Read, TED = 0, TEH = 0, No Wait)........... 970 Figure 32.37 PCMCIA Memory Bus Cycle (Burst Read, TED = 1, TEH = 1, Two Waits, Burst Pitch = 3, WAITSEL = 1) .... 971 Figure 32.38 PCMCIA I/O Bus Cycle (TED = 0, TEH = 0, No Wait)........................................ 972 Figure 32.39 PCMCIA I/O Bus Cycle (TED = 2, TEH = 1, One Wait, External Wait, WAITSEL = 1) ............................ 973 Figure 32.40 PCMCIA I/O Bus Cycle (TED = 1, TEH = 1, One Wait, Bus Sizing, WAITSEL = 1) ................................. 974 Figure 32.41 Oscillation Settling Time at RTC Crystal Oscillator Power-on.............................. 976 Figure 32.42 SCK Input Clock Timing ....................................................................................... 976 Figure 32.43 SCI I/O Timing in Clock Synchronous Mode ........................................................ 976 Figure 32.44 I/O Port Timing ...................................................................................................... 977 Figure 32.45 DREQ Input Timing............................................................................................... 977 Figure 32.46 DRAK Output Timing............................................................................................ 977 Figure 32.47 TCK Input Timing.................................................................................................. 978 Figure 32.48 TRST Input Timing (Reset Hold)........................................................................... 979 Figure 32.49 H-UDI Data Transfer Timing................................................................................. 979 Figure 32.50 ASEMD0 Input Timing.......................................................................................... 979 Figure 32.51 LCDC AC Specification......................................................................................... 981 Figure 32.52 SIOMCLK Input Timing........................................................................................ 982 Figure 32.53 SIOF Transmit/Receive Timing (Master Mode 1: Fall Sampling Time) ............... 983 Figure 32.54 SIOF Transmit/Receive Timing (Master Mode 1: Rise Sampling Time)............... 983 Figure 32.55 SIOF Transmit/Receive Timing (Master Mode 2: Fall Sampling Time) ............... 984 Figure 32.56 SIOF Transmit/Receive Timing (Master Mode 2: Rise Sampling Time)............... 984 Figure 32.57 SIOF Transmit/Receive Timing (Slave Mode 1 and Slave Mode 2)...................... 985 Figure 32.58 USB Clock Timing................................................................................................. 985 Figure 32.59 AFEIF Module AC Timing .................................................................................... 988 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |