Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 5Page - Renesas Technology Corp SH7727 Datasheet HTML 6Page - Renesas Technology Corp SH7727 Datasheet HTML 7Page - Renesas Technology Corp SH7727 Datasheet HTML 8Page - Renesas Technology Corp SH7727 Datasheet HTML 9Page - Renesas Technology Corp SH7727 Datasheet HTML 10Page - Renesas Technology Corp SH7727 Datasheet HTML 11Page - Renesas Technology Corp SH7727 Datasheet HTML 12Page - Renesas Technology Corp SH7727 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page ix of lxxii
Page
Previous Version
Revised Version
188
7.3.7 Interrupt Request Register 0 (IRR0)
The IRR0 is an 8-bit register that indicates
interrupt requests from external input pins
IRQ0 to IRQ5 and PINT0 to PINT15. This
register is initialized to H'00 at power-on
reset or manual reset, but is not initialized
in standby mode.
When using edge sensing for IRQ
interrupts, do the following to clear IR0.
To clear bits IRQ5R to IRQ0R to 0, read
from IRR0 before writing. After confirming
that the bits to be cleared to 0 are set to 1,
write 0 to them. In this case write 0 only to
the bits to be cleared; write 1 to the other
bits. The values of the bits to which 1 is
written do not change.
When level sensing is used for IRQ
interrupts, bits IRQ5R to IRQ0R indicate
whether or not an interrupt request has
been input. They can be set and cleared by
the values input to pins IRQ5R to IRQ0R
alone.
198
Figure 7.3 Interrupt Operation Flowchart
Yes
Yes
Yes
No
NMI?
Set interrupt cause in
INTEVT, INTEVT2
IRQOUT = low
Yes
Yes
Yes
No
NMI?
Set interrupt cause in
INTEVT, INTEVT2
199
7.4.2 Multiple Interrupts
When these procedures are followed in
order, an interrupt of higher priority than the
one being handled can be accepted after
clearing BL in step 4. Figure 7.3 shows a
sample interrupt operation flowchart.
When these procedures are followed in
order, an interrupt of higher priority than the
one being handled can be accepted after
clearing BL in step 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com