Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 78Page - Renesas Technology Corp SH7727 Datasheet HTML 79Page - Renesas Technology Corp SH7727 Datasheet HTML 80Page - Renesas Technology Corp SH7727 Datasheet HTML 81Page - Renesas Technology Corp SH7727 Datasheet HTML 82Page - Renesas Technology Corp SH7727 Datasheet HTML 83Page - Renesas Technology Corp SH7727 Datasheet HTML 84Page - Renesas Technology Corp SH7727 Datasheet HTML 85Page - Renesas Technology Corp SH7727 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 10 of 1034
REJ09B0254-0500
Vcc-
RTC
EXT
AL2
MD1
NMI IRQ1
VEP
WC
BACK D31 D27 VssQ D19 D16 VccQ D10
D6
D5
D4
D2
A0
AN6 AVss
Vss-
RTC
XTAL2 MD2
VCP
WC
VssQ D30
D26
D22
Vss
D17
D14
D11 VccQ
D1
D3
D0
A2
AN5 AVcc
AVcc_
USB
IRQ0 IRQ3 MD5 CKIO2 D29
D24 VccQ D21
D18 VssQ D12
D8
VssQ
D7
VssQ
A3
AN3
AN7
AN2 IRQ2 IRQ4
BREQ VccQ D28 D25 D23 D20 Vcc D15 D13
D9
A7
A5
A1
A4
AVss AN4
USB
2_M
USB
2_P
A9
A8
VccQ
A6
AVss_
USB
USB
1_M
USB
1_P
AVcc_
USB
A12 VssQ A11
A10
Scan_
testen
MD4 MD3
CA
A15
A14
A13 VccQ
RES
ETP
LCLK DRE
Q0
LCD0
A19
A18
A17
A16
LCD1 LCD2 LCD4 LCD3
A21 VccQ VssQ A20
VccQ LCD5 LCD6 LCD7
A23
Vss
A24
A22
LCD10 LCD9 LCD8 VssQ
A25
Vcc
BS
RD
RxD2 Vcc SCPT7 LCD11
WE0 WE1 WE2 VssQ
SIOF
SYNC
RxD0
RxD_
SIO
Vss
WE3 VccQ RD/WR PTE7
TxD_
SIO
SIOM
CLK
TxD2
SCK_
SIO
CS0 CS2 CS3 CS4
CKIO
STA
TUS1
TxD0 SCK0
CS5 CS6 VssQ CE2B
CL2 LCD14 VssQ VccQ MD0 PTF3 VccQ
Vcc
PCC0
BVD1
ASEM
D0
RESE
TM
PCC0
RESET
PTD7 PTJ5 VssQ PTJ1
AFE_
HC1
PTM6 AFE_
RLYCNT
STA
TUS0
LCD12 CAP1
Vss-
PLL2
Vcc-
PLL1
PCC
REG
PTF6 PCC0
CD1
PCC0
BVD2
PTG5 ADT
RG
PTE0 Vcc
PTJ4
CAS CKE CE2A VccQ
AFE_
SCLK
LCD13 EXTAL Vss XTAL
Vcc-
PLL2
PCC0
VS1
PTF5 VssQ
Vss PTG4
WAIT PTE3 PTD5 VccQ PTE2
USB1d_
SUSPEND
USB2
ovr_crnt
USB1
ovr_crnt
PTM5 PTM7
LCD15 Vcc
PCC0
WAIT
CAP2
Vss-
PLL1
PCC0
VS2
PTF4 PTF7 PCC0
CD2
IOIS16 PCC0
DRV
PTE6 Vss
PTJ3
RAS3 PTE1 RTS2
PTM4
A
123456789
10
11
12
13
14
15
16
17
18
19
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
SH7727
PLBG0240JA-A
(Top View)
Figure 1.3 Pin Arrangement (PLBG0240JA-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com