Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 95Page - Renesas Technology Corp SH7727 Datasheet HTML 96Page - Renesas Technology Corp SH7727 Datasheet HTML 97Page - Renesas Technology Corp SH7727 Datasheet HTML 98Page - Renesas Technology Corp SH7727 Datasheet HTML 99Page - Renesas Technology Corp SH7727 Datasheet HTML 100Page - Renesas Technology Corp SH7727 Datasheet HTML 101Page - Renesas Technology Corp SH7727 Datasheet HTML 102Page - Renesas Technology Corp SH7727 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 27 of 1034
REJ09B0254-0500
The name Ix is the alias for R8. Other aliases are as follows.
Ax0:
.REG
(R4)
Ax1:
.REG
(R5)
Ix:
.REG
(R8)
Ay0:
.REG
(R6)
Ay1:
.REG
(R7)
Iy:
.REG
(R9)
As0:
.REG
(R4)
;
This is optional. If you need another alias for single data transfer.
As1:
.REG
(R5)
;
This is optional. If you need another alias for single data transfer.
As2:
.REG
(R2)
As3:
.REG
(R3)
Is:
.REG
(R8)
;
This is optional. If you need another alias for single data transfer.
2.1.2
Control Registers
SH7727 has eight control registers: SR, SSR, SPC, GBR, VBR, RS, RE, and MOD (figure 2.5).
SSR, SPC, GBR and VBR are the same as the SH-3 registers. The DSP mode is activated only
when SR.DSP = 1.
Repeat start register RS, repeat end register RE, and repeat counter RC (12-bit part of the SR) and
repeat control bits RF0 and RF1 are new registers and control bits which are used for repeat
control. Modulo register MOD and modulo control bits DMX and DMY in the SR are also new
register and control bits.
In the SR, there are six additional control bits: RC[11:0], RF0, RF1, DMX, DMY and DSP. Bits
DMX, DMY, RC[11:0], and RF[1:0] can be modified in supervisor mode, DSP supervisor mode,
and DSP user mode. The DMX and DMY are used for modulo addressing control. If the DMX is
1 then the modulo addressing mode is effective for the X memory address pointer, Ax (R4 or R5).
If the DMY is 1 then it is effective for the Y memory address pointer, Ay (R6 or R7). However,
both X and Y address pointer cannot be operated under the modulo addressing mode even though
both DMX and DMY bits are set. The case of DMX = DMY = 1 is reserved for future expansion.
When both DMX and DMY are set simultaneously, the hardware will preliminary treat only
address pointer as the modulo addressing mode. Modulo addressing is available for X and Y data
transfer operation (MOVX and MOVY), but not for single data transfer operation (MOVS).
The RF1 and RF0 hold information of the number of repeat steps and they are set when a SETRC
instruction is executed. When RF[1:0] shows 00, the current repeat module consists of one-step
instruction. When RF[1:0] = 01, it means two-step instructions. When RF[1:0] = 11, it means



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com