Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 20Page - Renesas Technology Corp SH7727 Datasheet HTML 21Page - Renesas Technology Corp SH7727 Datasheet HTML 22Page - Renesas Technology Corp SH7727 Datasheet HTML 23Page - Renesas Technology Corp SH7727 Datasheet HTML 24Page - Renesas Technology Corp SH7727 Datasheet HTML 25Page - Renesas Technology Corp SH7727 Datasheet HTML 26Page - Renesas Technology Corp SH7727 Datasheet HTML 27Page - Renesas Technology Corp SH7727 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xxiv of lxxii
Page
Previous Version
Revised Version
930
32.3 AC Characteristics
In general, inputting for this LSI should be
clock synchronous. Keep the setup and
hold times for each input signal unless
otherwise specified. Regarding the power
supply and frequency specifications of the
individual products, refer to tables 32.2 and
32.4. When the measuring condition range
in the timing chart is wider than that in table
32.2 or 32.4, the conditions listed in table
32.2 or 32.4 apply.
AC specifications vary depending on the
product, so should be checked before the
chip is used.
In general, inputting for this LSI should be
clock synchronous. Keep the setup and
hold times for each input signal unless
otherwise specified. Regarding the power
supply and frequency specifications of the
individual products, refer to figure 32.2,
tables 32.2 and 32.4.
931
Figure 32.2 Power Supply Voltage and
Operating Frequency
Newly added
932
Table 32.4 Maximum Operating
Frequencies (1)
Item
Symbol
Min
Max
Unit
Power Supply
Voltage Conditions
Products
CPU, cache,
TLB (I
φ)
24
100
VCC = 1.60 to 2.05 V,
VCCQ = 2.6 to 3.6 V
24
33.4
VCC = 1.60 to 2.05 V,
VCCQ= 2.6 to 3.6 V
External bus
(B
φ) or CKIO I/O
frequency
24
50
VCC = 1.70 to 2.05 V,
VCCQ= 3.0 to 3.6 V
Peripheral
modules (P
φ)
f
6
33.4
MHz
VCC = 1.60 to 2.05 V,
VCCQ = 2.6 to 3.6 V
HD6417727F100,
HD6417727BP100V
Item
Symbol
Min
Max
Unit
Power Supply
Voltage Conditions
Reference Products
CPU, cache,
TLB (I
φ)
24
100
VCC = 1.60 to 2.05 V
VCCQ = 2.6 to 3.6 V
—
24
33.34
VCC = 1.60 to 2.05 V
VCCQ = 2.6 to 3.6 V
Table 32.5
External bus
(B
φ) or CKIO
I/O frequency
24
50
VCC = 1.70 to 2.05 V
VCCQ= 3.0 to 3.6 V
Table 32.6
Peripheral
modules (P
φ)
f
6
33.34
MHz
VCC = 1.60 to 2.05 V
VCCQ = 2.6 to 3.6 V
—
100 MHz
products
932
Table 32.4 Maximum Operating
Frequencies (2)
Item
Symbol
Min
Max
Unit
Power Supply
Voltage Conditions
Products
CPU, cache,
TLB (I
φ)
f
24
144
MHz
VCC = 1.70 to 2.05 V,
VCCQ = 3.0 to 3.6 V
HD6417727F160,
HD6417727BP160V
24
160
VCC = 1.75 to 2.05 V,
VCCQ = 3.0 to 3.6 V
24
48
VCC = 1.70 to 2.05 V,
VCCQ = 3.0 to 3.6 V
External bus
(B
φ) or CKIO I/O
frequency
24
66.67
VCC = 1.75 to 2.05 V,
VCCQ = 3.0 to 3.6 V
Peripheral
modules (P
φ)
6
33.4
VCC = 1.70 to 2.05 V,
VCCQ = 3.0 to 3.6 V
Item
Symbol
Min
Max
Unit
Power Supply
Voltage Conditions
Reference Products
24
144
VCC = 1.70 to 2.05 V
VCCQ= 3.0 to 3.6 V
—
CPU, cache,
TLB (I
φ)
24
160
VCC = 1.75 to 2.05 V
VCCQ= 3.0 to 3.6 V
—
24
50
VCC = 1.70 to 2.05 V
VCCQ= 3.0 to 3.6 V
Table 32.7
External bus
(B
φ) or CKIO
I/O frequency
24
66.67
VCC = 1.75 to 2.05 V
VCCQ= 3.0 to 3.6 V
Table 32.8
Peripheral
modules (P
φ)
f
6
33.34
MHz
VCC = 1.70 to 2.05 V
VCCQ= 3.0 to 3.6 V
—
160 MHz
products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com