Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 12Page - Renesas Technology Corp SH7727 Datasheet HTML 13Page - Renesas Technology Corp SH7727 Datasheet HTML 14Page - Renesas Technology Corp SH7727 Datasheet HTML 15Page - Renesas Technology Corp SH7727 Datasheet HTML 16Page - Renesas Technology Corp SH7727 Datasheet HTML 17Page - Renesas Technology Corp SH7727 Datasheet HTML 18Page - Renesas Technology Corp SH7727 Datasheet HTML 19Page - Renesas Technology Corp SH7727 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xvi of lxxii
Page
Previous Version
Revised Version
469
16.2.15 RTC Control Register 1 (RCR1)
RCR1 is initialized to H'00 by a power-on
reset. By a manual reset, bits except the
CF flag are all initialized to 0, but the CF
flag is undefined. When using the CF flag, it
must be initialized beforehand. This register
is not initialized in standby mode.
RCR1 is an 8-bit read/write register. The
CIE, AIE, and AF bits are initialized by a
power-on reset or manual reset. However,
the value of the CF flag is undefined after a
power-on reset or manual reset. It must
therefore be initialized without fail before
use. This register is not initialized in
standby mode.
Bit:
7
6
CF
—
Initial value:
0
0
R/W:
R/W
R
Bit:
7
6
CF
—
Initial value:
—
0
R/W:
R/W
R
Bit 7—Carry Flag (CF):
Bit 7: CF
Description
0
No carry in R64CNT or RSECCNT.
Clearing condition: When 0 is written to CF
(Initial value)
Bit 7: CF
Description
0
No carry in R64CNT or RSECCNT.
Clearing condition: When 0 is written to CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com