Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 74Page - Renesas Technology Corp SH7727 Datasheet HTML 75Page - Renesas Technology Corp SH7727 Datasheet HTML 76Page - Renesas Technology Corp SH7727 Datasheet HTML 77Page - Renesas Technology Corp SH7727 Datasheet HTML 78Page - Renesas Technology Corp SH7727 Datasheet HTML 79Page - Renesas Technology Corp SH7727 Datasheet HTML 80Page - Renesas Technology Corp SH7727 Datasheet HTML 81Page - Renesas Technology Corp SH7727 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 6 of 1034
REJ09B0254-0500
Item
Features
Serial I/O (SIOF)
• Synchronous 16 step, 8/16/32 bit word FIFO for transmission/reception
• Supports 8-bit/16-bit mono/stereo sound playback or recording
• DMA can be transferred
• Supports frame sync signal
Serial communi-
cation interface
(SCIF)
• 16-byte FIFO for transmission/reception
• DMA can be transferred
• On-chip modem control function
Direct memory
access controller
(DMAC)
• 4 channels
• Burst mode and cycle-steal mode
• External request operating mode
• 1-channel 16-bit compare match timer
PC card
controller
• Supports control signals for one slot
• Interchangeable with SH7709 when not in use (2 slots)
USB Host
controller (USBH)
• Conforms to OHCI Rev. 1.0
• USB Rev. 1.1 compatible
• Up to 127 endpoints
• Supports INT/BULK/CONTROL/ISO modes
• Bus master controller (can access area 3 synchronous DRAM)
• 2 ports with analog transceiver (1of 2 is common with USB function)
• External clock input function
USB Function
controller (USBF)
• USB Rev. 1.1 compatible
• Up to 4 endpoints
• Supports INT/BULK/CONTROL modes (ISO mode not supported)
• 1 port with analog transceiver (common with Host), 12 Mbps only
• External clock input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com