Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 8Page - Renesas Technology Corp SH7727 Datasheet HTML 9Page - Renesas Technology Corp SH7727 Datasheet HTML 10Page - Renesas Technology Corp SH7727 Datasheet HTML 11Page - Renesas Technology Corp SH7727 Datasheet HTML 12Page - Renesas Technology Corp SH7727 Datasheet HTML 13Page - Renesas Technology Corp SH7727 Datasheet HTML 14Page - Renesas Technology Corp SH7727 Datasheet HTML 15Page - Renesas Technology Corp SH7727 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xii of lxxii
Page
Previous Version
Revised Version
279
11.1.1 EXCPG
The extend clock pulse generator (EXCPG)
generates a divided clock from the CPU
clock (I
φ), the bus clock (Bφ), or the
external clock (UCLK).
The extend clock pulse generator (EXCPG)
generates a divided clock from the internal
clock (I
φ), the bus clock (Bφ), or the
external clock (UCLK).
Figure 11.1 Block Diagram of EXCPG
1/1
Select
USB clock
(48 MHz)
1/2
1/3
USB
host
USB
function
P clock
I clock
Bus clock
UCLK
1/1
Select
USB clock
(48 MHz)
1/2
1/3
USB
host
USB
function
Peripheral clock (P
φ)
Internal clock (I
φ)
Bus clock (B
φ)
External clock (UCLK)
281
11.3.1 EXCPG Control Register
(EXCPGCR)
Bits 5 to 3—Clock Select (USBCKSEL2 to
USBCKSEL0):
Bits 5 to 3
Function (Clock Selection)
110
External clock
Bits 5 to 3
Function (Clock Selection)
110
External clock (UCLK)
Bits 2 to 0 Function (Dividing Ratio
Selection):
Bits 2 to 0
Function (Dividing Ratio Selection)
1**
I
φ, CKIO, UCLK halted
Note:
To reduce power consumption, set USBDIVSEL2 to 1 and halts Iø, CKIO, or UCLK input.
Bits 2 to 0
Function (Dividing Ratio Selection)
1**
Internal clock (I
φ), bus clock (Bφ), external clock (UCLK) halted
Note:
To reduce power consumption, set USBDIVSEL2 to 1 and halts internal clock (I
φ), bus clock
(B
φ), or external clock (UCLK) input.
281
11.4 Usage Notes
Newly added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com