Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 73Page - Renesas Technology Corp SH7727 Datasheet HTML 74Page - Renesas Technology Corp SH7727 Datasheet HTML 75Page - Renesas Technology Corp SH7727 Datasheet HTML 76Page - Renesas Technology Corp SH7727 Datasheet HTML 77Page - Renesas Technology Corp SH7727 Datasheet HTML 78Page - Renesas Technology Corp SH7727 Datasheet HTML 79Page - Renesas Technology Corp SH7727 Datasheet HTML 80Page - Renesas Technology Corp SH7727 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 5 of 1034
REJ09B0254-0500
Item
Features
Bus state
controller (BSC)
• Physical address space divided into six areas (area 0, areas 2 to 6), each of
up to 64 Mbytes, with the following features settable for each area:
 Bus size (8, 16, or 32 bits)
 Number of wait cycles (hardware wait function also waited)
 Direct connection of SRAM, synchronous DRAM, and burst ROM
possible by designating memory to be connected to each area
 Supports PCMCIA interface (2 channels)
 Chip select signals (CS0, CS2–CS6) for relevant area
• Synchronous DRAM refresh function
 Programmable refresh interval
 Supports CAS-before-RAS refresh and self-refresh modes
 Supports power-down DRAM
• Synchronous DRAM burst access function
• Big endian or little endian can be specified
Li bus state
controller (LBSC)
• Bus State Controller for LCDC or USB Host
• Supports synchronous DRAM
• Synchronous DRAM access function (area 3)
User debug
Interface (H-UDI)
• E10A emulator support
• Pin arrangement conforming to JTAG specification
• Realtime branch trace
Timer (TMU)
• 3-channel auto-reload-type 32-bit timer
• Choice of six counter input clocks
• Maximum resolution: 2 MHz
Realtime clock
(RTC)
• Built-in clock, calendar functions, and alarm functions
• On-chip 32-kHz crystal oscillator circuit with a maximum resolution (cycle
interrupt) of 1/256 second
Serial communi-
cation interface
(SCI)
• Asynchronous mode or clock synchronous mode can be selected
• Full-duplex communication
• Supports smart card interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com