Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 79Page - Renesas Technology Corp SH7727 Datasheet HTML 80Page - Renesas Technology Corp SH7727 Datasheet HTML 81Page - Renesas Technology Corp SH7727 Datasheet HTML 82Page - Renesas Technology Corp SH7727 Datasheet HTML 83Page - Renesas Technology Corp SH7727 Datasheet HTML 84Page - Renesas Technology Corp SH7727 Datasheet HTML 85Page - Renesas Technology Corp SH7727 Datasheet HTML 86Page - Renesas Technology Corp SH7727 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 11 of 1034
REJ09B0254-0500
1.3.2
Pin Functions
Table 1.2
SH7727 Pin Function
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A) Name
I/O
Function
1A1
Vcc-RTC*
1
—
RTC power supply (1.9 V)
2
B4
XTAL2
O
On-chip RTC crystal oscillator pin
3
A2
EXTAL2
I
On-chip RTC crystal oscillator pin
4B3
Vss-RTC*
1
—
RTC power supply (0 V)
5
A3
MD1
I
Clock mode setting
6
B5
MD2
I
Clock mode setting
7
A4
NMI
I
Nonmaskable interrupt request
8C4
IRQ0/
IRL0/PTH[0]
I/I/I
External interrupt / external interrupt /
input port H
9A5
IRQ1/
IRL1/PTH[1]
I/I/I
External interrupt / external interrupt /
input port H
10
D4
IRQ2/
IRL2/PTH[2]
I/I/I
External interrupt / external interrupt /
input port H
11
C5
IRQ3/
IRL3/PTH[3]
I/I/I
External interrupt / external interrupt /
input port H
12
D5
IRQ4/PTH[4]
I/I
External interrupt request / input port H
13
A6
VEPWC
O
LCD panel VEE control
14
B6
VCPWC
O
LCD panel VCC control
15
C6
MD5
I
Endian setting
16
D6
BREQ
I
Bus request
17
A7
BACK
O
Bus acknowledge
18
B7
VssQ
—
Input/output power supply (0 V)
19
C7
CKIO2
O
System clock output
20
D7
VccQ
—
Input/output power supply (3.3 V)
21
A8
D31/PTB[7]
IO/IO
Data bus / I/O port B
22
B8
D30/PTB[6]
IO/IO
Data bus / I/O port B
23
C8
D29/PTB[5]
IO/IO
Data bus / I/O port B
24
D8
D28/PTB[4]
IO/IO
Data bus / I/O port B
25
A9
D27/PTB[3]
IO/IO
Data bus / I/O port B
26
B9
D26/PTB[2]
IO/IO
Data bus / I/O port B
27
D9
D25/PTB[1]
IO/IO
Data bus / I/O port B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com