Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 180Page - Renesas Technology Corp HD6433713 Datasheet HTML 181Page - Renesas Technology Corp HD6433713 Datasheet HTML 182Page - Renesas Technology Corp HD6433713 Datasheet HTML 183Page - Renesas Technology Corp HD6433713 Datasheet HTML 184Page - Renesas Technology Corp HD6433713 Datasheet HTML 185Page - Renesas Technology Corp HD6433713 Datasheet HTML 186Page - Renesas Technology Corp HD6433713 Datasheet HTML 187Page - Renesas Technology Corp HD6433713 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 324 page
background image
9.3 Operation
When using the 14-bit PWM, set the registers in the following sequence.
1.
Set bit PWM in port mode register 2 (PMR2) to 1 so that pin P90/PWM is designated for
PWM output.
2.
Set bit PWCR0 in the PWM control register (PWCR) to select a conversion period of either
32768/
φ (PWCR0 = 1) or 16384/φ (PWCR0 = 0).
3.
Set the output waveform data in PWM data registers U and L (PWDRU/L). Be sure to write
in the correct sequence, first PWDRL then PWDRU. When data is written to PWDRU, the
data in these registers will be latched in the PWM waveform generator, updating PWM
waveform generation in synchronization with internal signals.
One conversion period consists of 64 pulses, as shown in figure 9-2. The total of the high-
level pulse widths during this period (TH) corresponds to the data in PWDRU and PWDRL.
This relation can be represented as follows.
TH = (data value in PWDRU and PWDRL + 64) × tφ/2
where t
φ is the PWM input clock period, either 2/φ (bit PWCR0 = 0) or 4/φ (bit PWCR0 = 1).
If the data value in PWDRU and PWDRL is between H'3FC0 and H'3FFF, the PWM
output level will be high.
When the data value is H'0000, TH = 64 × tφ/2 = 32 tφ.
Example: Settings in order to obtain a conversion period of 8,192 µs:
When bit PWCR0 = 0, the conversion period is 16384/
φ, so φ must be 2 MHz. In
this case tfn = 128 µs, with 1/φ (resolution) = 0.5 µs.
When bit PWCR0 = 1, the conversion period is 32768/
φ, so φ must be 4 MHz. In
this case tfn = 128 µs, with 2/φ (resolution) = 0.5 µs.
Accordingly, for a conversion period of 8,192 µs, the system clock frequency (
φ)
must be 2 MHz or 4 MHz.
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com