Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 184Page - Renesas Technology Corp HD6433713 Datasheet HTML 185Page - Renesas Technology Corp HD6433713 Datasheet HTML 186Page - Renesas Technology Corp HD6433713 Datasheet HTML 187Page - Renesas Technology Corp HD6433713 Datasheet HTML 188Page - Renesas Technology Corp HD6433713 Datasheet HTML 189Page - Renesas Technology Corp HD6433713 Datasheet HTML 190Page - Renesas Technology Corp HD6433713 Datasheet HTML 191Page - Renesas Technology Corp HD6433713 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 324 page
background image
10.2 Register Descriptions
10.2.1 Serial Mode Register 1 (SMR1)
SMR1 is an 8-bit write-only register, for selecting the operation mode and the prescaler divider
ratio. Another function is to initialize the internal state of the serial interface, which happens at
each write access to SMR1.
When SMR1 is written to, serial clock supply to serial data registers U1 and L1 (SDRU1, SDRL1)
and to the octal/hexadecimal counter is stopped, and the octal/hexadecimal counter is reset to
H'00. Accordingly, writing to the serial mode register while the serial interface is operating will
abort data transmission or reception, and the serial communication interface 1 interrupt request
flag (IRRS1) will be set.
Upon reset, SMR1 is initialized to H'80.
Bit 7: Reserved bit
Bit 7 is reserved; it always reads 1, and cannot be modified.
Bits 6 to 4: Operation mode select (SMR16 to SMR14)
Bits 6 to 4 select the SCI1 operation mode.
Bit 6
Bit 5
Bit 4
SMR16
SMR15
SMR14
Description
0
0
0
Continuous clock output mode
(initial value)
SMR15, SMR14 set to value other
8-bit transfer mode
than 00
1
0
0
Continuous clock output mode
SMR15, SMR14 set to value other
16-bit transfer mode
than 00
Bit
Initial value
Read/Write
7
—
1
—
6
SMR16
0
W
5
SMR15
0
W
4
SMR14
0
W
3
SMR13
0
W
0
SMR10
0
W
2
SMR12
0
W
1
SMR11
0
W
177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com