Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 188Page - Renesas Technology Corp HD6433713 Datasheet HTML 189Page - Renesas Technology Corp HD6433713 Datasheet HTML 190Page - Renesas Technology Corp HD6433713 Datasheet HTML 191Page - Renesas Technology Corp HD6433713 Datasheet HTML 192Page - Renesas Technology Corp HD6433713 Datasheet HTML 193Page - Renesas Technology Corp HD6433713 Datasheet HTML 194Page - Renesas Technology Corp HD6433713 Datasheet HTML 195Page - Renesas Technology Corp HD6433713 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 324 page
background image
Bit 2: Pin P92/SI1 function switch (SI1)
Bit 2 selects whether pin P92/SI1 functions as a P92 input/output pin or as the SI1 output pin.
Bit 2
SI1
Description
0
Pin P92/SI1 functions as P92 I/O pin.
(initial value)
1
Pin P92/SI1 functions as SI1 output pin. Setting bit SCK1 to 1 and
clearing bit SO1 to 0 puts SCI1 in receive mode.
Bit 1: Pin P91/SCK1 function switch (SCK1)
Bit 1 selects whether pin P91/SCK1 functions as a P91 input/output pin or as the SCK1
input/output pin.
Bit 1
SCK1
Description
0
Pin P91/SCK1 functions as P91 I/O pin.
(initial value)
1
Pin P91/SCK1 functions as SCK1 I/O pin. The direction of clock
I/O and the prescaler divider ratio are set in serial mode register 1 (SMR1).
10.2.6 Port Mode Register 3 (PMR3)
PMR3 is an 8-bit read/write register, for enabling the PMOS transistors of SCI1 and SCI2 data
output pins (pins SO1 and SO2), and for controlling SCI2 chip select output (pin SI2/CS).
Upon reset, PMR3 is initialized to H'97.
Bit 3 is explained here. For bits 6 and 5, see 11.2.5, Port Mode Register 3 (PMR3).
Bit 3: Pin SO1 PMOS on/off (SO1PMOS)
Bit 3 enables or disables the PMOS buffer transistor of pin P93/SO1.
Bit 3
S01PMOS
Description
0
The PMOS transistor of pin P93/SO1 is enabled: CMOS output.
(initial value)
1
The PMOS transistor of pin P93/SO1 is disabled: NMOS open-drain output.
Bit
Initial value
Read/Write
7
—
1
—
6
0
R/W
5
CS
0
R/W
4
—
1
—
3
0
R/W
0
—
1
—
2
—
1
—
1
—
1
—
SO2
PMOS
SO1
PMOS
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com