Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 190Page - Renesas Technology Corp HD6433713 Datasheet HTML 191Page - Renesas Technology Corp HD6433713 Datasheet HTML 192Page - Renesas Technology Corp HD6433713 Datasheet HTML 193Page - Renesas Technology Corp HD6433713 Datasheet HTML 194Page - Renesas Technology Corp HD6433713 Datasheet HTML 195Page - Renesas Technology Corp HD6433713 Datasheet HTML 196Page - Renesas Technology Corp HD6433713 Datasheet HTML 197Page - Renesas Technology Corp HD6433713 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 324 page
background image
10.3.2 Data Transfer Format
Figure 10-2 shows the synchronous data transfer format. Data can be sent and received in lengths
of 8 bits or 16 bits. Data is sent and received starting from the least significant bit, in LSB-first
format. Transmit data is output from one falling edge of the serial clock until the next falling
edge. Receive data is latched at the rising edge of the serial clock.
Figure 10-2 Synchronous Data Transfer Format
10.3.3 Clock
Eight internal clock sources or an external clock may be selected as the serial clock. When an
internal clock is used, pin SCK1 is the clock output pin.
10.3.4 Data Transmit/Receive
1.
Initializing SCI1
Before data is sent or received, first SCI1 must be initialized by software. This is done by
writing the desired transfer conditions in serial mode register 1 (SMR1).
2.
Transmitting
A transmit operation is carried out as follows.
•
Set bit SO1 in port mode register 2 (PMR2) to 1, making pin P93/SO1 the SO1 output pin.
Also set bit SCK1 in PMR2 to 1, making pin P91/SCK1 the SCK1 I/O pin. If necessary, set
the SO1PMOS bit in PMR3 for NMOS open-drain output at pin SO1.
Bit 0
Bit 1
Bit 2
Bit 3
Bit n – 1
Bit n
SCK
SO
SI input data
latch timing
LSB
MSB
1
1
1
n = 7: 8-bit transfer mode
n = 15: 16-bit transfer mode
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com