Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 191Page - Renesas Technology Corp HD6433713 Datasheet HTML 192Page - Renesas Technology Corp HD6433713 Datasheet HTML 193Page - Renesas Technology Corp HD6433713 Datasheet HTML 194Page - Renesas Technology Corp HD6433713 Datasheet HTML 195Page - Renesas Technology Corp HD6433713 Datasheet HTML 196Page - Renesas Technology Corp HD6433713 Datasheet HTML 197Page - Renesas Technology Corp HD6433713 Datasheet HTML 198Page - Renesas Technology Corp HD6433713 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 324 page
background image
•
Set bit SMR16 in SMR1 to 1 or 0, and set bits SMR15 and SMR14 to a value other than 00,
designating 8- or 16-bit transfer mode. Select the serial clock with bits SMR13 to SMR10.
Writing data to SMR1 initializes the internal state of SCI1.
•
Write transmit data in serial data register L1 (SDRL1) and serial data register U1
(SDRU1), as follows.
8-bit transfer mode:
SDRL1
16-bit transfer mode: Upper byte in SDRU1, lower byte in SDRL1
•
Execute a dummy read of SMR1. SCI1 starts operating, and outputs the transmit data at pin
SO1.
•
After data transmission is complete, bit IRRS1 in interrupt request register 3 (IRR3) is
set to 1.
When an internal clock source is used, a serial clock is output from pin SCK1 in synchronization
with the transmit data. After data transmission is complete, the serial clock is not output until the
next dummy read of SMR1. During this time, pin SO1 continues to output the value of the last bit
transmitted.
When an external clock source is used, data is transmitted in synchronization with the serial clock
input at pin SCK1. After data transmission is complete, if the serial clock continues to be input,
transmission resumes.
Between transmissions, the output value of pin SO1 can be changed by rewriting bit 7 (SO1 LAST
BIT) in serial port register 1 (SPR1).
Executing a dummy read of SMR1 during transmission will cause a transmit error, setting bit
IRRS1 in IRR3 to 1.
3.
Receiving
A receive operation is carried out as follows.
•
Set bit SI1 in port mode register 2 (PMR2) to 1, making pin P92/SI1 the SI1 input pin. Also
set bit SCK1 in PMR2 to 1, making pin P91/SCK1 the SCK1 I/O pin.
•
Set bit SMR16 in serial mode register 1 (SMR1) to 1 or 0, and set bits SMR15 and SMR14 to
a value other than 00, designating 8- or 16-bit transfer mode. Select the serial clock with bits
SMR13 to SMR10. Writing data to SMR1 initializes the internal state of SCI1.
•
Execute a dummy read of SMR1. SCI1 starts operating, and receive data is input at pin SI1.
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com