Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 187Page - Renesas Technology Corp HD6433713 Datasheet HTML 188Page - Renesas Technology Corp HD6433713 Datasheet HTML 189Page - Renesas Technology Corp HD6433713 Datasheet HTML 190Page - Renesas Technology Corp HD6433713 Datasheet HTML 191Page - Renesas Technology Corp HD6433713 Datasheet HTML 192Page - Renesas Technology Corp HD6433713 Datasheet HTML 193Page - Renesas Technology Corp HD6433713 Datasheet HTML 194Page - Renesas Technology Corp HD6433713 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 324 page
background image
Bit 7: Extended data bit (SO1 LAST BIT)
Bit 7 holds the last bit of transmitted data after transmission ends.
Output from pin SO1 can be altered by software by modifying this bit either before or after
transmission.
If this bit is written during data transmission, the data contents are not guaranteed.
Bit 7
SO1 LAST BIT
Description
0
Output from pin SO1 is low.
(initial value)
1
Output from pin SO1 is high.
Bits 6 to 0: Reserved bits
Bits 6 to 0 are reserved: they always read 1, and cannot be modified.
10.2.5 Port Mode Register 2 (PMR2)
PMR2 is an 8-bit read/write register, for switching the port 9 pin functions. Bits 3 to 1, in
combination with SMR1, set the SCI1 operation mode.
Upon reset, PMR2 is initialized to H'00.
Bits 3 to 1 are explained here. For bits 7 to 4 and bit 0, see 7.10.2 (1), Port Mode Register 2
(PMR2).
Bit 3: Pin P93/SO1 function switch (SO1)
Bit 3 selects whether pin P93/SO1 functions as a P93 input/output pin or as the SO1 output pin.
Bit 3
SO1
Description
0
Pin P93/SO1 functions as P93 I/O pin.
(initial value)
1
Pin P93/SO1 functions as SO1 output pin. Setting bit SCK1 to 1 and
clearing bit SI1 to 0 puts SCI1 in transmit mode.
Bit
Initial value
Read/Write
7
0
R/W
6
SO2
0
R/W
5
SI2
0
R/W
4
SCK2
0
R/W
3
SO1
0
R/W
0
PWM
0
R/W
2
SI1
0
R/W
1
SCK1
0
R/W
UP/
DOWN
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com