Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 296Page - Renesas Technology Corp HD6433713 Datasheet HTML 297Page - Renesas Technology Corp HD6433713 Datasheet HTML 298Page - Renesas Technology Corp HD6433713 Datasheet HTML 299Page - Renesas Technology Corp HD6433713 Datasheet HTML 300Page - Renesas Technology Corp HD6433713 Datasheet HTML 301Page - Renesas Technology Corp HD6433713 Datasheet HTML 302Page - Renesas Technology Corp HD6433713 Datasheet HTML 303Page - Renesas Technology Corp HD6433713 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 324 page
background image
PMR4—Port Mode Register 4
H'EE
I/O Ports
PMR0—Port Mode Register 0
H'EF
I/O Ports
Bit
Initial value
Read/Write
7
TEO
0
R/W
6
TEO ON
0
R/W
5
FREQ
0
R/W
4
VRFR
0
R/W
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
PMR1
IRQC5
Timer E Output Control
P1 pin function
TMOE pin function (off)
TMOE pin function (on)
TMOE pin function (on)
TMOE pin function (on)
5
TEO
0
0
0
0
0
0
1
1
1
1
PMR4
TEO ON
0
1
1
1
FREQ
0
1
VRFR
0
0
1
P1 /IRQ /TMOE Pin
Function Switch
5
5
Standard I/O port
Low-level output
Fixed-frequency output: /2048
Fixed-frequency output: /1024
Pin Status
Variable-frequency output:
output toggles at each timer E
overflow
External interrupt input
IRQ pin function
5
φ
φ
***
**
*
**
**
1
Don’t care.
Note: *
Bit
Initial value
Read/Write
7
AN7
0
W
6
AN6
0
W
5
AN5
0
W
4
AN4
0
W
3
AN3
0
W
0
AN0
0
W
2
AN2
0
W
1
AN1
0
W
0
1
Analog Input Select
General-purpose input port
Analog input channel
289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com