Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 297Page - Renesas Technology Corp HD6433713 Datasheet HTML 298Page - Renesas Technology Corp HD6433713 Datasheet HTML 299Page - Renesas Technology Corp HD6433713 Datasheet HTML 300Page - Renesas Technology Corp HD6433713 Datasheet HTML 301Page - Renesas Technology Corp HD6433713 Datasheet HTML 302Page - Renesas Technology Corp HD6433713 Datasheet HTML 303Page - Renesas Technology Corp HD6433713 Datasheet HTML 304Page - Renesas Technology Corp HD6433713 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 324 page
background image
SYSCR1—System Control Register 1
H'F0
System Control
SYSCR2—System Control Register 2
H'F1
System Control
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
LSON
0
R/W
0
—
0
—
2
—
0
R/W
1
—
0
—
0
0
0
0
1
Standby Timer Select
Wait time = 8192 states
Wait time = 16384 states
Wait time = 32768 states
Wait time = 65536 states
Wait time = 131072 states
0
0
1
1
0
1
0
1
0
1
Low-Speed On Flag
CPU runs on system clock ( )
CPU runs on subclock (
)
*2
φ
φ
SUB
0
1
Standby
Sleep mode entered after SLEEP instruction is executed.
Standby mode entered after SLEEP instruction is executed.
*1
*3 *3
Notes: 1. Write is enabled in active mode only.
2. This relates to the transitions between operation modes, so functioning depends on the
combination of this bit with other control bits and interrupts. For details see 3.3, System
Modes.
3. Don’t care.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
DTON
0
W*
0
—
0
R/W
2
—
1
—
1
—
0
R/W
0
Direct Transfer On Flag
In subactive mode, watch mode is entered when a SLEEP
instruction is executed.
1 In subactive mode, if LSON bit = 0, active mode is entered
via watch mode when a SLEEP instruction is executed.
Note: * Write is enabled in subactive mode only.
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com