Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 316Page - Renesas Technology Corp HD6433713 Datasheet HTML 317Page - Renesas Technology Corp HD6433713 Datasheet HTML 318Page - Renesas Technology Corp HD6433713 Datasheet HTML 319Page - Renesas Technology Corp HD6433713 Datasheet HTML 320Page - Renesas Technology Corp HD6433713 Datasheet HTML 321Page - Renesas Technology Corp HD6433713 Datasheet HTML 322Page - Renesas Technology Corp HD6433713 Datasheet HTML 323Page - Renesas Technology Corp HD6433713 Datasheet HTML 324Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 322 / 324 page
background image
Appendix E List of Mask Options
HD6433712, HD6433713 and HD6433714
311
Notes: 1.
2.
The wide temperature range specification and I specification are special specifications. There is no
J specification for these products. Please contact your local Hitachi representative for details.
ROM data submitted in an EPROM must be written starting from address H'0000 in accordance with the
memory map of the particular microcontroller. For data outside the ROM area on the memory map use
H'FF.
FP-64A
DP-64S
(3) Package
If E (MOS pull-down) is selected as an option
for one or more high-voltage pins, Vdisp must
be selected for the P17/Vdisp pin.
Note:
P17: No MOS pull-down (D)
Vdisp
(2) P17/Vdisp
Crystal oscillator
Ceramic oscillator
External clock
(4) Oscillator at OSC1 and OSC2
Used
Not used
(5) Oscillator at X1 and X2
fOSC =
fOSC =
fOSC =
fx
X1
MHz
MHz
MHz
= 32.768 kHz
= VCC
C: No MOS pull-up
E: With MOS pull-down
Date of order
Company
Address
Name
ROM code name
Part no.
, 19
B: With MOS pull-up
D: No MOS pull-down
(1) I/O Options
Pin
I/O
I/O option
B C DE
P10/IRQ0
P11/IRQ1
P14/IRQ4
P15/IRQ5/TMOE
P16/EVENT
P40/FS16
P41/FS17
P42/FS18
P43/FS19
P44/FS20
P45/FS21
P46/FS22
P47/FS23
P17/Vdisp
P90/PWM
P91/SCK1
P92/SI1
P93/SO1
P94/SCK2
P95/SI2/CS
P96/SO2
P97/UD
Pin
I/O
I/O option
BC DE
P60/FD0/FS7
P61/FD1/FS6
P62/FD2/FS5
P63/FD3/FS4
P64/FD4/FS3
P65/FD5/FS2
P66/FD6/FS1
P67/FD7/FS0
P70/FD8
P71/FD9
P72/FD10
P73/FD11
P74/FD12
P75/FD13
P76/FD14
I/O
I/O
I/O
I/O
I
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Fill in (2) below
Please indicate the selected specifications by
marking the appropriate box (with an
× or √
mark). The shaded boxes cannot be selected.
P50/FS15
P51/FS14
P52/FS13
P53/FS12
P54/FS11
P55/FS10
P56/FS9
P57/FS8
P77/FD15
HD6433712
HD6433713
HD6433714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com