Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 316Page - Renesas Technology Corp HD6433713 Datasheet HTML 317Page - Renesas Technology Corp HD6433713 Datasheet HTML 318Page - Renesas Technology Corp HD6433713 Datasheet HTML 319Page - Renesas Technology Corp HD6433713 Datasheet HTML 320Page - Renesas Technology Corp HD6433713 Datasheet HTML 321Page - Renesas Technology Corp HD6433713 Datasheet HTML 322Page - Renesas Technology Corp HD6433713 Datasheet HTML 323Page - Renesas Technology Corp HD6433713 Datasheet HTML 324Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 323 / 324 page
background image
Appendix F Rise Time and Fall Time of High-Voltage Pins
With the mask ROM versions there is a choice of high-voltage pin output configurations. Either
PMOS open-drain (D) or MOS pull-down (E) may be selected. (Only PMOS open-drain is
available as the output configuration of high-voltage pins on ZTAT™ versions.)
The rise time tr and fall time tf of high-voltage pin output are as follows.
It is possible to estimate tr and tf from the time constant τ = C.R (time up to 63% of rise or fall).
tr: The time constant is determined by the PMOS on-resistance and load capacitance. The DC
on-resistance is approximately 200
Ω (based on V
OH = VCC – 3 V at –IOH = 15 mA,
3/0.015 = 200). The AC on-resistance however, includes the non-saturation state when the
PMOS transistor turns on (it is not a constant-current source), resulting in a longer time
constant. Assuming a load capacitance of 30 pF at high-voltage pins, the minimum value is
approximately 20 ns.
tf: The time constant is determined by the pull-down resistance and load capacitance (including
wiring capacitance, etc.). As an example, assuming a pull-down resistance of 5 k
Ω and load
capacitance of 30 pF, the following is derived.
tf ≥ 5 × 103 × 30 × 10–12 = 150 × 10–9 (150 ns)
MOS pull-down resistance varies from 45 k
Ω to 300 kΩ, so all due care must be taken in
timing design.
Note: If pull-down resistance is made too small in an attempt to speed up the fall time, –IOH will
increase, limiting the output high-level voltage (VOH). Pull-down resistance must be set to
a suitable value taking into consideration both operation speed and the output high level.
63%
63%
tf
tr
V
or VSS
disp
VCC
H8/3714 Series
microcontroller
312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com