Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 106Page - Renesas Technology Corp 7630 Datasheet HTML 107Page - Renesas Technology Corp 7630 Datasheet HTML 108Page - Renesas Technology Corp 7630 Datasheet HTML 109Page - Renesas Technology Corp 7630 Datasheet HTML 110Page - Renesas Technology Corp 7630 Datasheet HTML 111Page - Renesas Technology Corp 7630 Datasheet HTML 112Page - Renesas Technology Corp 7630 Datasheet HTML 113Page - Renesas Technology Corp 7630 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 238 page
background image
7630 Group User’s Manual
2-44
$33/,&$7,21
2.4 Controller Area Network (CAN) module
Fig. 2.4.17 Structure of CAN transmit abort register (CABORT)
Fig. 2.4.18 Structure of CAN transmit/receive buffer registers 0 (CTB0/CRB0)
CAN transmit abort register
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit abort register (CABORT) [Address: 003E16]
B
Name
Function1
Note 1: R0/R1 denote read access, W0/W1 denote write access.
At reset
R
W
0
Transmit abort control bit
R0: No transmit abort requested
0O
O
2
Note 2: Setting this bit to “1” is enabled only when CTRM.3 (Figure 2.4.3) is set.
R1: Transmit abort requested
W0: Clear transmit abort request
W1: Transmit abort requested
1
Undefined at read.
0
O
X
2
0
O
X
3
0
O
X
4
Not used
0
O
X
5
0
O
X
6
0
O
X
7
0
O
X
CAN transmit/receive buffer registers 0
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer register 0 (CTB0) [Address: 004016]
CAN receive buffer register 0 (CRB0) [Address: 005016]
B
Name
Function
At reset
R
W
0
Standard identifier bit 6
For CTB0: These bits represent part of
the identifier field of a frame to be
transmitted.
For CRB0: These bits represent part of
the identifier field of a frame received.
?
O
O
1
Standard identifier bit 7
?
O
O
2
Standard identifier bit 8
?
O
O
3
Standard identifier bit 9
?
O
O
4
Standard identifier bit 10
?
O
O
5
Not used
When these bits are read out, the values
are "0". Don’t write to "1".
0
O
X
6
0
O
X
7
0
O
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com