Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 110Page - Renesas Technology Corp 7630 Datasheet HTML 111Page - Renesas Technology Corp 7630 Datasheet HTML 112Page - Renesas Technology Corp 7630 Datasheet HTML 113Page - Renesas Technology Corp 7630 Datasheet HTML 114Page - Renesas Technology Corp 7630 Datasheet HTML 115Page - Renesas Technology Corp 7630 Datasheet HTML 116Page - Renesas Technology Corp 7630 Datasheet HTML 117Page - Renesas Technology Corp 7630 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 238 page
background image
7630 Group User’s Manual
2-48
$33/,&$7,21
2.4 Controller Area Network (CAN) module
2.4.4 Operational modes
The module features three operational modes which can be selected by the sleep control bit CTRM.0 and the
reset/configuration control bit CTRM.1 of the CAN transmit/control register (Figure 2.4.3). Mode transitions may be
carried out according to Figure 2.4.25.
Fig. 2.4.25 Transitions among operational modes
(1) Configuration mode
This mode is used to initialize (refer to section 2.4.5) or reset (refer to section 2.4.6) the module.
Entering the configuration mode initiates the following functions by the module:
• Suspend communication functions
• Set P31/CTX output to recessive (if P31 is configured as CTX output port; see CTRM.2 in Figure 2.4.3)
• Unlock the following configuration register to enable initialization: (1) acceptance code and mask registers
(CACi/CAMi, Figures 2.4.6 to 2.4.15), (2) CAN bus timing control registers (CBTCONi, Figures 2.4.4 and
2.4.5)
• Set module to error active state and clear the internal error counters (refer to section 2.4.12)
• Clear transmit request, transmit buffer control and transmit status bits of CTRM (Figure 2.4.3)
• Clear receive buffer control and receive status bits of CREC (Figure 2.4.16)
• Clear transmit abort bit of CABORT (Figure 2.4.17)
The values of the remaining bits of CTRM, CREC and of other CAN module related configuration registers
(PCON, CBTCON1, CBTCON2, CAC0 to CAC4, CAM0 to CAM4) retain the values they had before entering
the configuration mode.
The contents of the transmit and receive buffer registers CTBi/CRBi (Figures 2.4.19 to 2.4.24) are undefined
in configuration mode.
The module is set to configuration mode upon MCU reset.
Note: Switching the module from normal (run) to configuration mode during an ongoing transmission sus-
pends communication immediately; this causes a corrupted frame on the bus. To avoid the corrupt frame,
either await the successful transmission (see section 2.4.9) or issue an abort transmission request (see sec-
tion 2.4.10) before attempting the mode transition.
(2) Normal (run) mode
Entering this mode initiates the following functions by the module:
• Release communication functions; the module becomes an active node on the network and may transmit
and receive CAN frames. For details on the transmit and receive operations as well as corresponding inter-
rupt functions see sections 2.4.8 to 2.4.11.
Configuration mode
CTRM.1 = 1
CTRM.0 = 0
Normal (run) mode
CTRM.1 = 0, CTRM.0 = 0
Sleep mode
CTRM.1 = 1
CTRM.0 = 1
Reset
idle
receiving
CTRM
.1 =0
CTR
M.1 =1
CTRM.
0=
0
CTR
M.0 =
1
transmitting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com