Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 108Page - Renesas Technology Corp 7630 Datasheet HTML 109Page - Renesas Technology Corp 7630 Datasheet HTML 110Page - Renesas Technology Corp 7630 Datasheet HTML 111Page - Renesas Technology Corp 7630 Datasheet HTML 112Page - Renesas Technology Corp 7630 Datasheet HTML 113Page - Renesas Technology Corp 7630 Datasheet HTML 114Page - Renesas Technology Corp 7630 Datasheet HTML 115Page - Renesas Technology Corp 7630 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 238 page
background image
7630 Group User’s Manual
2-46
$33/,&$7,21
2.4 Controller Area Network (CAN) module
Fig. 2.4.21 Structure of CAN transmit/receive buffer registers 3 (CTB3/CRB3)
Fig. 2.4.22 Structure of CAN transmit/receive buffer registers 4 (CTB4/CRB4)
CAN transmit/receive buffer registers 3
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer register 3 (CTB3) [Address: 004316]
CAN receive buffer register 3 (CRB3) [Address: 005316]
B
Name
Function
At reset
R
W
0
Extended identifier bit 6
For CTB3: These bits represent part of
the identifier field of a frame to be
transmitted.
For CRB3: These bits represent part of
the identifier field of a frame received.
?
O
O
1
Extended identifier bit 7
?
O
O
2
Extended identifier bit 8
?
O
O
3
Extended identifier bit 9
?
O
O
4
Extended identifier bit 10
?
O
O
5
Extended identifier bit 11
?
O
O
6
Extended identifier bit 12
?
O
O
7
Extended identifier bit 13
?
O
O
CAN transmit/receive buffer registers 4
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer register 4 (CTB4) [Address: 004416]
CAN receive buffer register 4 (CRB4) [Address: 005416]
B
Name
Function
At reset
R
W
0
r1 bit (reserved bit 1)
For CTB4: Set this bit to “0” (must be
sent dominant; applicable for extended
format only).
?
O
O
1
RTR1 bit
Note 1: Remote transmission request bit
0: Data frame
?
O
O
1: Remote frame
2
Extended identifier bit 0
For CTB4: These bits represent part of
the identifier field of a frame to be
transmitted.
For CRB4: These bits represent part of
the identifier field of a frame received.
?
O
O
3
Extended identifier bit 1
?
O
O
4
Extended identifier bit 2
?
O
O
5
Extended identifier bit 3
?
O
O
6
Extended identifier bit 4
?
O
O
7
Extended identifier bit 5
?
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com