Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 111Page - Renesas Technology Corp 7630 Datasheet HTML 112Page - Renesas Technology Corp 7630 Datasheet HTML 113Page - Renesas Technology Corp 7630 Datasheet HTML 114Page - Renesas Technology Corp 7630 Datasheet HTML 115Page - Renesas Technology Corp 7630 Datasheet HTML 116Page - Renesas Technology Corp 7630 Datasheet HTML 117Page - Renesas Technology Corp 7630 Datasheet HTML 118Page - Renesas Technology Corp 7630 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 238 page
background image
7630 Group User’s Manual
$33/,&$7,21
2-49
2.4 Controller Area Network (CAN) module
• Lock the following registers to prevent accidental modifications: (1) acceptance code and mask registers
(CACi/CAMi, Figures 2.4.6 to 2.4.15), (2) CAN bus timing control registers (CBTCONi, Figures 2.4.4 and
2.4.5)
• Release the internal fault-confinement logic, transmit-, and receive error counters; the module may leave
the error active state depending on the error counts (refer to section 2.4.12).
Ensure to initialize the module by using the above mentioned configuration mode before entering normal
(run) mode; for details refer to section 2.4.5.
Within normal (run) mode the module can be in three different sub-modes, depending on which type of com-
munication functions are actually performed (see Figure 2.4.26):
• Idle: The module’s receive and transmit sections are inactive.
• Receiving: The module is receiving a frame sent by another node.
• Transmitting: The module transmits a frame. Simultaneously, the module may receive its own frame; this is
called auto-receive function, for details refer to section 2.4.8, (5).
From CPU side, the sub-modes may be monitored by the receive- and transmit status bits CREC.1 (Figure
2.4.16) and CTRM.7 (Figure 2.4.3).
Fig. 2.4.26 Transitions among module sub-modes
(3) Sleep mode
This mode enables reduced power consumption by stopping the clock of the module; consequently all func-
tions (incl. communication) are suspended.
Setting the sleep control bit CTRM.1 (Figure 2.4.3) switches the module to sleep mode. Upon entering this
mode, the module’s clock supply stops immediately. CAN related registers retain their contents upon entering
sleep mode. Enter or leave sleep mode via configuration mode only (refer to Figure 2.4.25).
Warning: Switching the module from normal (run) mode straight to sleep mode (bypassing configuration
mode) may cause erroneous frames being sent to the bus or a CTX terminal forcing the bus to dominant level
permanently.
Module idle
CTRM.7 = 0
CREC.1 = 0
detect an
SOF
Module receiving
CTRM.7 = 0
CREC.1 = 1
finish
reception
Module transmitting
CTRM.7 = 1
CREC.1 = 0
start a
transmission
finish
transmission
loose arbitration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com