Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 112Page - Renesas Technology Corp 7630 Datasheet HTML 113Page - Renesas Technology Corp 7630 Datasheet HTML 114Page - Renesas Technology Corp 7630 Datasheet HTML 115Page - Renesas Technology Corp 7630 Datasheet HTML 116Page - Renesas Technology Corp 7630 Datasheet HTML 117Page - Renesas Technology Corp 7630 Datasheet HTML 118Page - Renesas Technology Corp 7630 Datasheet HTML 119Page - Renesas Technology Corp 7630 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 238 page
background image
7630 Group User’s Manual
2-50
$33/,&$7,21
2.4 Controller Area Network (CAN) module
2.4.5 Module initialization
Initializing the module comprises several steps. Before attempting to access the registers involved the following
items must be considered:
• Acceptance filter
The CAN acceptance code registers CACi (Figures 2.4.6 to 2.4.10) and CAN acceptance mask registers CAMi
(Figures 2.4.11 to 2.4.15) need to be initialized. For details on the acceptance filter see section 2.4.7.
• Bit timing
The time for the transmission of a single bit consists of four segments:
• Synchronization segment (SS)
• Propagation time segment (PTS)
• Phase buffer segment 1 (PBS1)
• Phase buffer segment 2 (PBS2)
SS is of fixed length (one time-quantum), but the length of PTS, PBS1/2 must be programmed by the bus timing
control registers CBTCONi (Figures 2.4.4 and 2.4.5). Figure 2.4.27 shows the segmentation of one bit-time and
the possible range for each segment to be programmed.
Note: The CAN specification defines the sum of all time quanta within one bit-time between 8 and 25.
Fig. 2.4.27 Segmentation of bit-time
The sample point is the point within a bit-time where the bus level is known as the value of that respective bit. Its
position is between phase buffer segment 1 and phase buffer segment 2. The sample point must be defined in
common for all active nodes on the network.
• Resynchronization jump width
The resynchronization jump width can be programmed via CBTCON2 (Figure 2.4.5).
Note: The CAN specification defines resynchronization jump width as min(4,Tpbs1).
• Sampling
The sampling control bit CBTCON1.4 (Figure 2.4.4) allows to decide the bit level based on either a single or
three samples. With single sampling, the level is sampled at the defined sample point (refer to Figure 2.4.27). Tri-
ple sampling takes two additional samples two and four cycles of f(XIN) before the defined sample point; the bit
level is decided on the majority of the three samples. Triple sampling implements a means of digital filtering
being appropriate if the bus signal is contaminated by noise.
• Baud rate
The module contains a programmable prescaler which is clocked by the MCUs internal clock frequency f
φ. This
prescaler allows division ratios of 1 to 1/16 (refer to Figure 2.4.4). The baud rate can be calculated as follows,
where p is the prescaler division ratio:
• Dominant polarity
The polarity control register PCON (Figure 2.2.9) allows to select the dominant level either “high” or “low”. This
setting depends on the transceiver; please refer to the specification of the device/circuit in use.
Segment
Range in time quanta
Min.
Max.
Tss
1 (fixed)
Tpts
18
Tpbs1
18
Tpbs2
18
SS
PTS
PBS2
sample point
bit-time: tbt
Tss
Tpts
Tpbs1
Tpbs2
PBS1
f
CAN
1
t
bt
------
fφ
p
1
T
p ts
T
p bs1
T
p bs2
+
+
+
(
)
⋅
----------------------------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com