Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 109Page - Renesas Technology Corp 7630 Datasheet HTML 110Page - Renesas Technology Corp 7630 Datasheet HTML 111Page - Renesas Technology Corp 7630 Datasheet HTML 112Page - Renesas Technology Corp 7630 Datasheet HTML 113Page - Renesas Technology Corp 7630 Datasheet HTML 114Page - Renesas Technology Corp 7630 Datasheet HTML 115Page - Renesas Technology Corp 7630 Datasheet HTML 116Page - Renesas Technology Corp 7630 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 238 page
background image
7630 Group User’s Manual
$33/,&$7,21
2-47
2.4 Controller Area Network (CAN) module
Fig. 2.4.23 Structure of CAN transmit/receive buffer registers 5 (CTB5/CRB5)
Fig. 2.4.24 Structure of CAN transmit/receive buffer registers 6 to D (CTB6–D/CRB6–D)
CAN transmit/receive buffer registers 5
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer register 5 (CTB5) [Address: 004516]
CAN receive buffer register 5 (CRB5) [Address: 005516]
B
Name
Function
At reset
R
W
0
DLC bit 0
The data length code indicates the
number of data bytes in a data frame:
?
O
O
b3b2b1b0
1
DLC bit 1
0000: Zero data bytes
?
O
O
0001: One data byte
2
DLC bit 2
0010: Two data bytes
?
O
O
…
3
DLC bit 3
0111: Seven data bytes
?
O
O
1000: Eight data bytes
4
r0 bit (reserved bit 0)
For CTB5: Set this bit to “0” (must be
sent dominant).
?
O
O
5
Not used
When these bits are read out, the value
are "0". Don't write to "1".
?
O
O
6
?
O
O
7
?
O
O
CAN transmit/receive buffer registers 6 to D
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer registers 6 to D (CTB6 to CTBD) [Addresses: 004616 to 004D16]
CAN receive buffer registers 6 to D (CRB6 to CRBD) [Addresses: 005616 to 005D16]
B
Name
Function
At reset
R
W
0
Data bit 0
For CTBi: These bits represent the byte
number (i – 6) of the data field of a frame
to be transmitted.
For CRBi: These bits represent the byte
number (i – 6) of the data field of a frame
received.
(i = 6 to D16)
?
O
O
1
Data bit 1
?
O
O
2
Data bit 2
?
O
O
3
Data bit 3
?
O
O
4
Data bit 4
?
O
O
5
Data bit 5
?
O
O
6
Data bit 6
?
O
O
7
Data bit 7
?
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com