Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 193Page - Renesas Technology Corp 7630 Datasheet HTML 194Page - Renesas Technology Corp 7630 Datasheet HTML 195Page - Renesas Technology Corp 7630 Datasheet HTML 196Page - Renesas Technology Corp 7630 Datasheet HTML 197Page - Renesas Technology Corp 7630 Datasheet HTML 198Page - Renesas Technology Corp 7630 Datasheet HTML 199Page - Renesas Technology Corp 7630 Datasheet HTML 200Page - Renesas Technology Corp 7630 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 238 page
background image
3-26
7630 Group User’s Manual
APPENDIX
3.5 List of registers
Fig. 3.5.9 Structure of Port Pi direction register (i = 0, 1, 2, 3, 4)
Fig. 3.5.10 Structure of Serial I/O shift register
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi direction register
0
0
0
0
0
0
0
0
Port Pi direction register (PiD) (i = 0, 1, 2, 3, 4)
[Address : 000916, 000B16, 000D16, 000F16, 001116]
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
Note: The direction control bits corresponding to P10, P11, P35, P36 and P37 are reserved
(“0” when read, don't write “1”).
Serial I/O shift register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Serial I/O shift register (SIO) [Address : 001216]
A shift register for serial transmission and reception.
At transmitting : Set transmission data.
At receiving : Store received data.
?
?
?
?
?
?
?
?
Note: A content of the Transmit buffer register cannot be read out.
A data cannot be written to the Receive buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com