Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 195Page - Renesas Technology Corp 7630 Datasheet HTML 196Page - Renesas Technology Corp 7630 Datasheet HTML 197Page - Renesas Technology Corp 7630 Datasheet HTML 198Page - Renesas Technology Corp 7630 Datasheet HTML 199Page - Renesas Technology Corp 7630 Datasheet HTML 200Page - Renesas Technology Corp 7630 Datasheet HTML 201Page - Renesas Technology Corp 7630 Datasheet HTML 202Page - Renesas Technology Corp 7630 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 238 page
background image
3-28
7630 Group User’s Manual
APPENDIX
3.5 List of registers
Fig. 3.5.13 Structure of A-D control register
Fig. 3.5.14 Structure of Timer 1, Timer 3
A-D control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
A-D control register (ADCON) [Address : 001516]
3
0
Analog input pin selection bits
b2 b1 b0
0 0 0 : P00/AN0
0 0 1 : P01/AN1
0 1 0 : P02/AN2
0 1 1 : P03/AN3
1 0 0 : P04/AN4
1 0 1 : P05/AN5
1 1 0 : P06/AN6
1 1 1 : P07/AN7
0
1
A-D conversion completion bit
0 : Conversion in progress
1 : Conversion completed (Note)
Not used (“0” when read, don't write “1”.)
5
6
7
0
0
0
1
2
4
0
VREF input switch bit
0 : Off
1 : On
Note: Don’t set this bit to “1” during A-D conversion.
0
0
Timer 1, Timer 3
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
Timer 1 (T1) [Address : 001616]
Timer 3 (T3) [Address : 001816]
4
5
6
7
1
q Set “0016” to “FF16” as Timer 1 or Timer 3 count value.
q The timer value is written to timer and latch at the same time.
q To get the actual Timer 1 or Timer 3 value read out the
corresponding timer register.
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com