Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 196Page - Renesas Technology Corp 7630 Datasheet HTML 197Page - Renesas Technology Corp 7630 Datasheet HTML 198Page - Renesas Technology Corp 7630 Datasheet HTML 199Page - Renesas Technology Corp 7630 Datasheet HTML 200Page - Renesas Technology Corp 7630 Datasheet HTML 201Page - Renesas Technology Corp 7630 Datasheet HTML 202Page - Renesas Technology Corp 7630 Datasheet HTML 203Page - Renesas Technology Corp 7630 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 238 page
background image
3-29
7630 Group User’s Manual
APPENDIX
3.5 List of registers
Fig. 3.5.15 Structure of Timer 2
Fig. 3.5.16 Structure of Timer 123 mode register
Timer 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
Timer 2 (T2) [Address : 001716]
4
5
6
7
1
0
q Set “0016” to “FF16” as Timer 2 count value.
q The timer value is written to Timer 2 and latch at the same time
or to the latch only (Note).
q To get the actual Timer 2 value read out the Timer 2 register.
0
0
0
0
0
0
Note: Depinding on the Timer 2 write control bit (bit 2 of the Timer 123 mode register
[address: 001916] ).
Timer 123 mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Timer 123 mode register (T123M) [Address : 001916]
0
1
0
0
PWM output enable bit
0
0
0
0
1
0
0 : PWM output disabled
1 : PWM output enabled
Timer 2 write control bit
Timer 2 count source selection bit
Timer 3 count source selection bit
Pre-divider division ratio bits
0 : Latch and counter
1 : Latch only
0 : Timer 1 underflow
1 : Pre-divider output
0 : Timer 1 underflow
1 : Pre-divider output
b7 b6
0 0 :
φ divided by 1 (Note)
0 1 :
φ divided by 8 (Note)
1 0 :
φ divided by 32 (Note)
1 1 :
φ divided by 128 (Note)
Not used (“0” when read, don't write “1”.)
PWM polarity selection bit
0 : Start on “H” level output
1 : Start on “L” level output
Note: The internal system clock
φ is divided f(XIN) by 2 or by 8. The division ratio is decided by
the Internal system clock selection bit (bit 6 of the CPU mode register [address: 000016] ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com