Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 197Page - Renesas Technology Corp 7630 Datasheet HTML 198Page - Renesas Technology Corp 7630 Datasheet HTML 199Page - Renesas Technology Corp 7630 Datasheet HTML 200Page - Renesas Technology Corp 7630 Datasheet HTML 201Page - Renesas Technology Corp 7630 Datasheet HTML 202Page - Renesas Technology Corp 7630 Datasheet HTML 203Page - Renesas Technology Corp 7630 Datasheet HTML 204Page - Renesas Technology Corp 7630 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 238 page
background image
3-30
7630 Group User’s Manual
APPENDIX
3.5 List of registers
Fig. 3.5.17 Structure of Timer XL, Timer XH, Timer YL, Timer YH
Fig. 3.5.18 Structure of Timer X mode register
Timer XL, Timer XH, Timer YL, Timer YH
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Timer XL (TXL), Timer XH (TXH) [Address : 001A16, 001B16]
Timer YL (TYL), Timer YH (TYH) [Address : 001C16, 001D16]
1
q Set “000016” to “FFFF16” as timer count value.
q Write access
The timer value is written to Timer X or Timer Y and latch at
the same timer or to the latch only (Note).
Write first low byte (TXL, TYL) and then high byte (TXH, TYH).
q Read access
To get the actual Timer X or Timer Y value read out the
corresponding timer register.
A measurement value is read out in pulse period and pulse
width measurement mode.
Read first high byte (TXH, TYH) and then low byte (TXL, TYL).
Note: Depinding on the Timer X or Timer Y data write control bit (bit 0 of the Timer X or
Timer Y mode register [address: 001E16, 001F16] ).
1
1
1
1
1
1
1
Timer X mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Timer X mode register (TXM) [Address : 001E16]
0
1
0
0
0
0
0
0
0
Timer X mode bits
Timer X stop control bit
b5 b4
0 0 : Timer mode
0 1 : Bi-phase counter mode
1 0 : Event counter mode
1 1 : Pulse width measurement mode
Not used (“0” when read, don't write “1”.)
Timer X data write control bit
0 : Data is written to latch and timer.
1 : Data is written to latch only.
0 : For event counter mode,
rising edge active
For interrupt request,
falling edge active
For pulse width measurement mode,
measure “H” period
1 : For event counter mode,
falling edge active
For interrupt request,
rising edge active
For pulse width measurement mode,
measure “L” period
CNTR0 polarity selection bit
0 : Timer counting
1 : Timer stopped
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com