Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 166 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 166 Page - Altera Corporation

Back Button HC210 Datasheet HTML 162Page - Altera Corporation HC210 Datasheet HTML 163Page - Altera Corporation HC210 Datasheet HTML 164Page - Altera Corporation HC210 Datasheet HTML 165Page - Altera Corporation HC210 Datasheet HTML 166Page - Altera Corporation HC210 Datasheet HTML 167Page - Altera Corporation HC210 Datasheet HTML 168Page - Altera Corporation HC210 Datasheet HTML 169Page - Altera Corporation HC210 Datasheet HTML 170Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 228 page
background image
7–2
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
■
An explanation of the use of timing constraints in the Quartus II
software, including some of the important timing-related checks
reported by the HardCopy II Advisor and Design Assistant
■
Timing constraint recommendations for your HardCopy II project
and recommendations for handling legacy designs that use timing
constraints not supported in the HardCopy II design flow
HardCopy II versus Stratix II Timing
The back-end design of your HardCopy II structured ASIC includes
timing closure in accordance with the timing specification achieved in the
Quartus II software for the Stratix II FPGA prototype and HardCopy II
device. However, you should be aware that this does not mean that actual
path timing in the Stratix II FPGA is duplicated in the HardCopy II
device. In fact, because of the architectural differences between Stratix II
and HardCopy II devices, you should expect that while internal and I/O
path timing are within whatever timing constraints you applied, actual
path delays are different.
The key factors that impact timing differences between Stratix II and
HardCopy II devices are listed below.
■
The HardCopy II die is significantly smaller than its Stratix II
counterpart
■
Coarse-grain adaptive logic modules (ALMs) in Stratix II devices are
mapped to fine-grain HCell macros in HardCopy II devices
■
Design connections are implemented using custom metal routing in
HardCopy II devices
■
HardCopy II devices contain no SRAM-configurable programmable
connection points
■
Leaf sub-trees in HardCopy II global clock networks are custom
routed
The following sections briefly describe the effect of these factors on
HardCopy II timing characteristics.
Internal Register-to-Register Timing
Internal timing is the timing of paths from register to register within core
logic. Internal timing is dependent on the transport delays of logic
elements on register-to-register paths and the overall effects of parasitic
capacitance, parasitic resistance, and crosstalk on routing connections
between those logic elements.
User-logic implementation in HardCopy II devices is more area efficient
and often has improved timing when compared with the Stratix II FPGA.
These advantages are the result of re-mapping the coarse-grain,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com