Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 29 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 29 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 25Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 26Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 27Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 28Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 29Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 30Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 31Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 32Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 33Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
29
Timer/Counter Mode Control Register (PCON)
The SMOD bit in the PCON
Table 19: The
register doubles the baud rate when set.
PCON Register
MSB
LSB
–
SMOD
–
–
–
–
–
–
Bit
Symbol
Function
PCON[7]
Baud rate control.
SMOD
1.4.8
WD Timer (Software Watchdog Timer)
The software watchdog timer is a 16-bit counter that is incremented once every 24 or 384 clock cycles.
After a reset, the watchdog timer is disabled and all registers are set to zero. The watchdog consists of a
16-bit counter (WDT), a reload register (WDTREL
Note: It is recommended to use the hardware watchdog timer instead of the software
watchdog timer.
), prescalers (by 2 and by 16), and control logic. Once
the watchdog is started, it cannot be stopped unless the internal reset signal becomes active.
WD Timer Start Procedure: The WDT is started by setting the SWDT
Refreshing the WD Timer: The watchdog timer must be refreshed regularly to prevent the reset request
signal from becoming active. This requirement imposes an obligation on the programmer to issue two
instructions. The first instruction sets WDT and the second instruction sets SWDT. The maximum delay
allowed between setting
flag. When the WDT register
enters the state 0x7CFF, an asynchronous WDTS signal will become active. The signal WDTS sets bit 6
in the IP0 register and requests a reset state. WDTS is cleared either by the reset signal or by changing
the state of the WDT timer.
WDT and SWDT is 12 clock cycles. If this period has expired and SWDT has not
been set, the WDT is automatically reset, otherwise the watchdog timer is reloaded with the content of
the WDTREL register and the WDT is automatically reset. Since the WDT requires exact timing, firmware
needs to be designed with special care in order to avoid unwanted WDT resets. Teridian strongly
discourages the use of the software WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com