Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 71 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 71 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 67Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 68Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 75Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
71
3.10 UART1 Interface
The pins TX1 and RX1 can be used for a regular serial interface, e.g. by connecting a RS_232
transceiver, or they can be used to directly operate optical components, e.g. an infrared diode and
phototransistor implementing a FLAG interface. Figure 35 shows the basic connections. The TX1 pin
becomes active when the I/O RAM register TX1DIS is set to 0.
The polarity of the TX1 and RX1 pins can be inverted with configuration bits TX1INV and RX1INV,
respectively.
The TX1 output may be modulated at 38 kHz when system power is present. Modulation is not available
in BROWNOUT mode. The TX1MOD bit enables modulation. The duty cycle is controlled by
OPT_FDC[1:0], which can select 50%, 25%, 12.5%, and 6.25% duty cycle. A 6.25% duty cycle means
TX1 is low for 6.25% of the period.
The receive pin (RX1) may need an analog filter when receiving modulated optical signals.
With modulation, an optical emitter can be operated at higher current than nominal, enabling it to
increase the distance along the optical path.
If operation in BROWNOUT mode is desired, the external components should be connected to
V3P3D.
Figure 35: Connection for Optical Components
3.11 Connecting V1 and Reset Pins
A voltage divider should be used to establish that V1 is in a safe range when the power and
measurement unit is in mission mode (V1 must be lower than 2.9 V in all cases in order to keep the
hardware watchdog timer enabled). For proper debugging or loading code into the 78M6612 mounted
on a PCB, it is necessary to have a provision like the header shown above R1 in Figure 36. A shorting
jumper on this header pulls V1 up to V3P3 disabling the hardware watchdog timer.
The parallel impedance of R1 and R2 should be approximately 8 to 10 k
Ω in order to provide hysteresis
for the power fault monitor.
TX1
R
2
R
1
RX
1
78M6612
V3P3SY
S
Phototransisto
r
LED
10k
Ω
100pF
V3P3SY
S
TX1
R
2
R
1
RX
1
V3P3SY
S
Phototransisto
r
LED
100pF
V3P3SY
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com