Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 91 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 91 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 87Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 88Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 89Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 90Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 91Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 92Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 93Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 94Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 95Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
91
5.4
Performance Specifications
5.4.1
Parameter
Input Logic Levels
Condition
Min
Typ
Max
Unit
Digital high-level input voltage
†, V
IH
2
V
Digital low-level input voltage
†, V
IL
0.8
V
Input pull-up current, IIL
E_RXTX,
E_RST, CKTEST
Other digital inputs
VIN=0V, ICE_E=1
10
10
-1
0
100
100
1
µA
µA
µA
Input pull down current, IIH
ICE_E
Other digital inputs
VIN=V3P3D
10
-1
0
100
1
µA
µA
†
5.4.2
In battery powered modes, digital inputs should be below 0.3 V or above 2.5 V to minimize battery
current.
Parameter
Output Logic Levels
Condition
Min
Typ
Max
Unit
Digital high-level output voltage V
I
OH
LOAD
V3P3D
-0.4
= 1 mA
V
ILOAD
V3P3D
-0.6
= 15 mA
V
Digital low-level output voltage V
I
OL
LOAD
0
= 1 mA
0.4
V
ILOAD = 15 mA
0.8
V
TX1 VOH (V3P3D-TX1)
ISOURCE=1 mA
0.4
V
TX1 VOL
ISINK=20 mA
0.7
V
5.4.3
Parameter
Power-Fault Comparator
Condition
Min
Typ
Max
Unit
Offset Voltage
V1-VBIAS
-20
+15
mV
Hysteresis Current
V1
Vin = VBIAS – 100 mV
0.8
1.2
µA
Response Time
V1
+100 mV overdrive
2
5
10
µs
W DT Disable Threshold (V1-V3P3A)
-400
-10
mV
5.4.4
BME=1
Battery Monitor
Parameter
Condition
Min
Typ
Max
Unit
Load Resistor
27
45
63
k
Ω
LSB Value -
FIR_LEN=0
FIR_LEN=1
does not include the 9-
bit left shift at CE input.
-6.0
-2.6
-5.4
-2.3
-4.9
-2.0
µV
µV
Offset Error
-200
-72
+100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com