Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 73 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 73 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 75Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 76Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 77Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
73
Figure 38: External Components for the Emulator Interface
3.13 Crystal Oscillator
The oscillator of the 78M6612 drives a standard 32.768 kHz watch crystal. The oscillator has been
designed specifically to handle these crystals and is compatible with their high impedance and limited
power handling capability. The oscillator power dissipation is very low to maximize the lifetime of any
battery backup device attached to VBAT.
Board layouts with minimum capacitance from XIN to XOUT will require less battery current. Good
layouts will have XIN and XOUT shielded from each other.
Since the oscillator is self-biasing, an external resistor must not be connected across
the crystal.
3.14 Flash Programming
Operational or test code can be programmed into the Flash memory using either an in-circuit emulator or
the Flash Programmer Module (TFP-1) available from Teridian. The Flash programming procedure uses
the E_RST, E_RXTX, and E_TCLK pins.
3.15 MPU Firmware Library
All application-specific MPU functions mentioned above under “Application Information” are available from
Teridian as a standard ANSI C library and as ANSI “C” source code. The code is available as part of the
Demonstration Kit for the 78M6612 IC. The Demonstration Kits come with the 78M6612 IC
preprogrammed with demo firmware mounted on a functional sample PCB (Demo Board). The Demo
Boards allow for quick and efficient evaluation of the IC without having to write firmware or having to
supply an in-circuit emulator (ICE).
3.16 Measurement Calibration
Once the 78M6612 Power and Energy Measurement device has been installed in a measurement
system, it is typically calibrated for tolerances of the current sensors, voltage dividers and signal
conditioning components. The device can be calibrated using the gain and phase adjustment factors
accessible to the CE. The gain adjustment is used to compensate for tolerances of components used for
signal conditioning, especially the resistive components. Phase adjustment is provided to compensate
for phase shifts introduced by certain types of current sensors.
Due to the flexibility of the MPU firmware, any calibration method, such as calibration based on energy, or
current and voltage can be implemented. It is also possible to implement segment-wise calibration
(depending on current range).
The 78M6612 supports common industry standard calibration techniques, such as single-point
(energy-only), multi-point (energy, Vrms, Irms), and auto-calibration.
E_RST
E_RXTX
E_TCLK
62
Ω
62
Ω
62
Ω
22pF
22pF
22pF
LCD Segments
(optional)
ICE_E
V3P3D
E_RST
78M6612
E_RXTX
E_TCLK
62
Ω
62
Ω
62
Ω
22pF
22pF
22pF
LCD Segments
(optional)
ICE_E
V3P3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com