Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 49 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 49 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 45Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 46Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 47Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 48Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 49Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 50Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 51Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 52Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 53Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
49
1.5.11 Hardware Watchdog Timer
In addition to the basic watchdog timer included in the 80515 MPU,
an independent, robust, fixed-duration, watchdog timer (WDT) is
included in the device. It uses the RTC crystal oscillator as its time
base and must be refreshed by the MPU firmware at least every 1.5
seconds. When not refreshed on time the WDT overflows, and the
part is reset as if the RESET pin were pulled high, except that the
I/O RAM bits will be in the same state as after a wake-up from
SLEEP or LCD modes (see Section 4.3 I/O RAM Description for a
list of I/O RAM bit states after RESET and wake-up). 4100 oscillator
cycles (or 125 ms) after the WDT overflow, the MPU will be launched
from program address 0x0000.
A status bit, WD_OVF, is set when WDT overflow occurs. This bit is
powered by the non-volatile supply and can be read by the MPU to
determine if the part is initializing after a WDT overflow event or after
a power-up. After it is read, MPU firmware must clear WD_OVF. The
WD_OVF bit is cleared by the RESET pin.
There is no internal digital state that deactivates the WDT. For
debug purposes, however, the WDT can be disabled by tying the V1
pin to V3P3 (see Figure 36). Of course, this also deactivates V1
power fault detection. Since there is no method in firmware to
disable the crystal oscillator or the WDT, it is guaranteed that
whatever state the part might find itself in, upon WDT overflow, the
part will be reset to a known state.
Figure 14: Functions Defined by V1
Asserting ICE_E will also deactivate the WDT. This is the only method that will disable the WDT in
BROWNOUT mode.
In normal operation, the WDT is reset by periodically writing a one to the WDT_RST bit. The watchdog
timer is also reset when the internal signal WAKE=0 (see Section 2.5 Wake Up Behavior).
1.5.12 Program Security
When enabled, the security feature limits the ICE to global Flash erase operations only. All other ICE
operations are blocked. This guarantees the security of the user’s MPU and CE program code. Security
is enabled by MPU code that is executed in a 32 cycle preboot interval before the primary boot sequence
begins. Once security is enabled, the only way to disable it is to perform a global erase of the Flash,
followed by a chip reset.
The first 32 cycles of the MPU boot code are called the preboot phase because during this phase the ICE
is inhibited. A read-only status bit, PREBOOT, identifies these cycles to the MPU. Upon completion of
preboot, the ICE can be enabled and is permitted to take control of the MPU.
SECURE, the security enable bit, is reset whenever the chip is reset. Hardware associated with the bit
permits only ones to be written to it. Thus, preboot code may set SECURE to enable the security feature
but may not reset it. Once SECURE is set, the preboot code is protected and no external read of program
code is possible,
V3P3
V3P3 -
400mV
V3P3 - 10mV
VBIAS
0V
Battery
modes
Normal
operation,
WDT
enabled
WDT dis-
abled
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com