Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 98 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 98 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 94Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 95Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 96Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 97Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 98Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 99Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 100Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 101Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 102Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
98
Rev. 1.2
5.5.6
Typical Performance Data
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
Current (A)
Wh Accuracy (%)
Wh Accuracy (%)
Figure 39: Wh Accuracy, 20 mA to 20 A at 120 V/60 Hz and Room Temperature Using a 4 m
Ω
Current Shunt
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
1
3
5
7
9
11
13
15
17
19
21
23
25
Harmonic
50Hz Harmonic Data
60Hz Harmonic Data
Measured at current distortion amplitude of 40% and voltage distortion amplitude of 10%.
Figure 40: Measurement Accuracy over Harmonics at 240 V, 30A per IEC62053-2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com