Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 19 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 19 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 15Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 16Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 17Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 18Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 19Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 20Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 21Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 22Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 23Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
19
Table 5: Internal Data Memory Map
Address
Direct Addressing
Indirect Addressing
0xFF
Special Function
Registers (SFRs)
RAM
0x80
0x7F
Byte-addressable area
0x30
0x2F
Bit-addressable area
0x20
0x1F
Register banks R0…R7
0x00
1.4.2
Special Function Registers (SFRs)
A map of the Special Function Registers is shown in Table 6.
Table 6: Special Function Registers Locations
Hex\Bin
Bit-
Address-
able
Byte-Addressable
Hex/Bin
X000
X001
X010
X011
X100
X101
X110
X111
F8
INTBITS
FF
F0
B
F7
E8
WDI
EF
E0
A
E7
D8
WDCON
DF
D0
PSW
D7
C8
T2CON
CF
C0
IRCON
C7
B8
IEN1
IP1
S0RELH
S1RELH
USR2
BF
B0
FLSHCTL
FPAG
B7
A8
IEN0
IP0
S0RELL
AF
A0
P2
DIR2
DIR0
A7
98
S0CON
S0BUF
IEN2
S1CON
S1BUF
S1RELL
EEDATA EECTRL
9F
90
P1
DIR1
DPS
ERASE
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
8F
80
P0
SP
DPL
DPH
DPL1
DPH1
WDTREL
PCON
87
Only a few addresses are occupied, the others are not implemented. SFRs specific to the 78M6612 are
shown in bold print. Any read access to unimplemented addresses will return undefined data, while any
write access will have no effect. The registers at 0x80, 0x88, 0x90, etc., are bit-addressable, all others
are byte-addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com