Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 34 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 34 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 30Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 31Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 32Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 33Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 34Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 35Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 36Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 37Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 38Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
34
Rev. 1.2
Interrupt Request Register (IRCON
Table 29: The
)
IRCON
–
Register
MSB
LSB
–
EX6
IEX5
IEX4
IEX3
–
IEX2
Bit
Symbol
Function
–
IRCON[7]
–
IRCON[6]
IRCON[5]
External interrupt 6 edge flag.
IEX6
IRCON[4]
External interrupt 5 edge flag.
IEX5
IRCON[3]
External interrupt 4 edge flag.
IEX4
IRCON[2]
External interrupt 3 edge flag.
IEX3
IRCON[1]
External interrupt 2 edge flag.
IEX2
–
IRCON[0]
Only TF0 and TF1 (timer 0 and timer 1 overflow flag) will be automatically cleared by hardware
when the service routine is called (Signals T0ACK and T1ACK – port ISR – active high when
the service routine is called).
1.4.9.2 External Interrupts
The 78M6612 MPU allows seven external interrupts. These are connected as shown in Table 30. The
direction of interrupts 2 and 3 is programmable in the MPU. Interrupts 2 and 3 should be programmed
for falling sensitivity. The generic 8051 MPU literature states that interrupt 4 through 6 are defined as
rising edge sensitive. Thus, the hardware signals attached to interrupts 5 and 6 are inverted to achieve
the edge polarity shown in Table 30.
Table 30: External MPU Interrupts
External
Interrupt
Connection
Polarity
0
Flag
Reset
Digital I/O High Priority
see DIO_Rx
automatic
1
Digital I/O Low Priority
see DIO_Rx
automatic
2
FWCOL0, FWCOL1
falling
automatic
3
CE_BUSY
falling
automatic
4
PLL_OK (rising), PLL_OK (falling)
rising
automatic
5
EEPROM busy
falling
automatic
6
XFER_BUSY OR RTC_1SEC
falling
manual
FWCOLx interrupts occur when the CE collides with a Flash write attempt. See the Flash write
description in Section 1.5.5 for more detail.
SFR (special function register) enable bits must be set to permit any of these interrupts to occur.
Likewise, each interrupt has its own flag bit, which is set by the interrupt hardware, and reset by the MPU
interrupt handler. Note that XFER_BUSY, RTC_1SEC, FWCOL0, FWCOL1, PLLRISE, PLLFALL, have
their own enable and flag bits in addition to the interrupt 6, 4, and 2 enable and flag bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com