Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 76 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 76 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 75Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 76Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 77Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 78Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 79Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 80Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
76
Rev. 1.2
4.3
I/O RAM Description – Alphabetical Order
Bits with a W (write) direction are written by the MPU into configuration RAM. Typically, they are initially
stored in Flash memory and copied to the configuration RAM by the MPU. Some of the more frequently
programmed bits are mapped to the MPU SFR memory space. The remaining bits are mapped to the
address range 0x2xxx. Bits with R (read) direction can be read by the MPU. Columns labeled “Rst” and
“Wk” describe the bit values upon reset and wake, respectively. No entry in one of these columns means
the bit is either read-only or is powered by the non-volatile supply and is not initialized. Write-only bits will
return zero when they are read.
Table 50: I/O RAM Map – Alphabetical Order
Name
Location
Rst
Wk
Dir
ADC_E
Description
2005[3]
0
0
R/W
Enables ADC and VREF. W hen disabled, removes bias
current.
BME
2020[6]
0
–
R/W
Battery Measure Enable. W hen set, a load current is
immediately applied to the battery and it is connected to
the ADC to be measured on Alternative Mux Cycles. See
MUX_ALT bit.
CE_E
2000[4]
0
0
R/W
CE enable.
CE_LCTN[4:0]
20A8[4:0]
31
31
R/W
CE program location. The starting address for the CE
program is 1024*CE_LCTN. CE_LCTN must be defined
before the CE is enabled.
CHOP_E[1:0]
2002[5:4]
0
0
R/W
Chop enable for the reference bandgap circuit. The value
of CHOP will change on the rising edge of MUXSYNC
according to the value in CHOP_E:
00-toggle
1
01-positive
10-reversed
11-toggle
1
CKOUT_E[1:0]
except at the mux sync edge at the end of SUMCYCLE.
2004[5,4]
00
00
R/W
CKTEST Enable. The default is 00.
00-SEG19.
01-CK_FIR (5 MHz Mission, 32 kHz Brownout).
10-Not allowed (reserved for production test).
11-Same as 10.
COMP_STAT[0]
2003[0]
–
–
R
The status of the power fail comparator for V1.
DIO_R1[2:0]
DIO_R2[2:0]
DIO_R3[2:0]*
DIO_R4[2:0]
DIO_R5[2:0]
DIO_R6[2:0]
DIO_R7[2:0]
DIO_R8[2:0]
DIO_R9[2:0]
DIO_R10[2:0]
DIO_R11[2:0]
2009[6:4]
200A[2:0]
200A[6:4]
200B[2:0]
200B[6:4]
200C[2:0]
200C[6:4]
200D[2:0]
200D[6:4]
200E[2:0]
200E[6:4]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W
Connects dedicated I/O pins DIO2 through DIO11 as well
as input pin DIO1 to internal resources. DIO_R3[2:0] is
only available in the 68-pin package. If more than one
input is connected to the same resource, the ‘MULTIPLE’
column below specifies how they are combined.
DIO_Rx
Resource
Multiple
000
NONE
–
001
Reserved
OR
010
T0 (Timer0 clock or gate)
OR
011
T1 (Timer1 clock or gate)
OR
100
High priority IO interrupt (int0 rising)
OR
101
Low priority IO interrupt (int1 rising)
OR
110
High priority IO interrupt (int0
falling)
OR
111
Low priority IO interrupt (int1 falling)
OR
DIO_DIR0[7:1]*
SFRA2
[7:1]
0
0
R/W
Programs the direction of pins DIO7- DIO1. DIO3 is only
available on the 68-pin package.
1 indicates output. Ignored if the pin is not configured as
I/O. See DIO_PV and DIO_PW for special option for DIO6
and DIO7 outputs. See DIO_EEX for special option for
DIO4 and DIO5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com