Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 69 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 69 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 65Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 66Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 67Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 68Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
69
Table 47: LCD and DIO Pin Assignment by LCD_NUM for the LQFP-64 Package
LCD_NUM
SEG in Addition to
SEG0-SEG18
Total Number of
LCD Segment Pins
Including SEG0-
SEG18
DIO Pins in
Addition to DIO1-
DIO2
Total Number of DIO
Pins Including DIO1,
DIO2
0
–
17
4-11, 14-17, 19, 20
16
1
–
17
4-11, 14-17, 19, 20
16
2
40
18
4-11, 14-17, 19
15
3
39, 40
19
4-11, 14-17
14
4
39, 40
19
4-11, 14-17
14
5
37, 39, 40
20
4-11, 14-16
13
6
36-37, 39, 40
21
4-11, 14-15
12
7
35-37, 39, 40
22
4-11, 14
11
8
34-37, 39, 40
23
4-11
10
9
34-37, 39, 40
23
4-11
10
10
34-37, 39, 40
23
4-11
10
11
31, 34-37, 39, 40
24
4-10
9
12
30-31, 34-37, 39,
40
25
4-9
8
13
29-31, 34-37, 39,
40
26
4-8
7
14
28-31, 34-37, 39,
40
27
4-7
6
15
27-31, 34-37, 39,
40
28
4-6
5
16
26-31, 34-37, 39,
40
29
4-5
4
17
25-31, 34-37, 39,
40
30
4
3
18
24-31, 34-37, 39,
40
31
None
2
Note: LCD segment numbers are given without CKTEST/SEG19, E_RXTX/SEG38, E_TCLK/SEG33,
and E_RST/SEG32.
Note: SEG14 and SEG15 are not available in the 64-pin package.
3.7
Connecting I
2
I
C EEPROMs
2C EEPROMs or other I2
Figure 32
C compatible devices should be connected to the DIO pins DIO4 and DIO5, as
shown in
. Pull-up resistors of roughly 10 k
Ω to V3P3D (to ensure operation in BROWNOUT
mode) should be used for both SCL and SDA signals. The DIO_EEX register in I/O RAM must be set to
01 in order to convert the DIO pins DIO4 and DIO5 to I
2C pins SCL and SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com