Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 32 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 32 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 28Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 29Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 30Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 31Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 32Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 33Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 34Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 35Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 36Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
32
Rev. 1.2
Special Function Registers for Interrupts
The following SFR registers control the interrupt functions:
• The interrupt enable Registers: IEN0, IEN1 and IEN2 (see Table 24, Table 25 and Table 26).
• The Timer/Counter control registers: The Timer/Counter control registers: TCON and T2CON
Table 27
(see
and Table 28).
• The interrupt request register: IRCON
Table 29
(see
).
• The interrupt priority registers: IP0 and IP1
Table 33
(see
and Table 34).
Interrupt Enable 0 Register (IEN0
Table 24: The
)
IEN0 Register
MSB
LSB
EAL
–
WDT
ES0
ET1
EX1
ET0
EX0
Bit
Symbol
Function
IEN0[7]
EAL
EAL=0 – disable all interrupts.
IEN0[6]
Not used for interrupt control.
WDT
–
IEN0[5]
IEN0[4]
ES0
ES0=0 – disable serial channel 0 interrupt.
IEN0[3]
ET1
ET1=0 – disable timer 1 overflow interrupt.
IEN0[2]
EX1
EX1=0 – disable external interrupt 1.
IEN0[1]
ET0
ET0=0 – disable timer 0 overflow interrupt.
IEN0[0]
EX0
EX0=0 – disable external interrupt 0.
Interrupt Enable 1 Register (IEN1
Table 25: The
)
IEN1
–
Register
MSB
LSB
SWDT
EX6
EX5
EX4
EX3
–
EX2
Bit
Symbol
Function
–
IEN1[7]
IEN1[6]
Not used for interrupt control.
SWDT
IEN1[5]
EX6
EX6=0 – disable external interrupt 6.
IEN1[4]
EX5
EX5=0 – disable external interrupt 5.
IEN1[3]
EX4
EX4=0 – disable external interrupt 4.
IEN1[2]
EX3
EX3=0 – disable external interrupt 3.
IEN1[1]
EX2
EX2=0 – disable external interrupt 2.
–
IEN1[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com