Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 83 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 83 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 79Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 80Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 81Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 82Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 83Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 84Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 85Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 86Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 87Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
83
4.4
CE Interface Description
4.4.1
CE Program
The CE program is supplied by Teridian as a data image that can be merged with the MPU operational
code for measurement applications. Typically, the CE program covers most applications and does not
need to be modified. Other variations of CE code may be available from Teridian. The description in this
section applies to CE code revision CE6612_OMU_S2_A01_V1_2.
4.4.2
Formats
All CE words are 4 bytes. Unless specified otherwise, they are in 32-bit two’s complement (-1 =
0xFFFFFFFF). ‘Calibration’ parameters are defined in Flash memory (or external EEPROM) and must be
copied to CE data memory by the MPU before enabling the CE. ‘Internal’ variables are used in internal
CE calculations. ‘Input’ variables allow the MPU to control the behavior of the CE code. ‘Output’
variables are outputs of the CE calculations. The corresponding MPU address for the most significant
byte is given by 0x1000 + 4 x CE_address and 0x1003 + 4 x CE_address for the least significant byte.
4.4.3
Constants
Constants used in the CE Data Memory tables are:
FS
F
= 32768 Hz/13 = 2520.62 Hz.
0
IMAX is the external rms current corresponding to 250 mV pk at the inputs IA and IB.
is the fundamental frequency.
VMAX is the external rms voltage corresponding to 250 mV pk at the VA and VB inputs.
NACC, the accumulation count for energy measurements is PRE_SAMPS * SUM_CYCLES.
Accumulation count time for energy measurements is PRE_SAMPS * SUM_CYCLES/FS
The system constants IMAX and VMAX are used by the MPU to convert internal quantities (as used by
the CE) to external, i.e. measurement quantities. Their values are determined by the off-chip scaling of
the voltage and current sensors used in an actual measurement unit. The LSB values used in this
document relate digital quantities at the CE or MPU interface to external measurement input quantities.
For example, if a SAG threshold of 80V peak is desired at the measurement input, the digital value that
should be programmed into SAG_THR would be 80V/SAG_THRLSB, where SAG_THRLSB is the LSB value
in the description of SAG_THR.
.
The parameters EQU, CE_E, PRE_SAMPS, and SUM_CYCLES essential to the function of the CE are
stored in I/O RAM (see the I/O RAM section).
4.4.4
Environment
Before starting the CE using the CE_E bit, the MPU has to establish the proper environment for the CE
by implementing the following steps:
Load the CE data into CE DRAM.
Establish the equation to be applied in EQU.
Establish the accumulation period and number of samples in PRE_SAMPS and SUM_CYCLES.
Establish the number of cycles per ADC mux frame.
Set PLS_INTERVAL[7:0] = 81.
Set FIR_LEN = 1 and MUX_DIV[1:0] = 01.
There must be thirteen 32768 Hz cycles per ADC mux frame (see System Timing Diagram, Figure 16).
This means that the product of the number of cycles per frame and the number of conversions per frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com