Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 67 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 67 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 63Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 64Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 65Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 66Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 67Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 68Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
67
3.6
Connecting LCDs
The 78M6612 has a LCD controller on-chip capable of controlling static or multiplexed LCDs. Figure 31
shows the basic connection for a LCD.
Figure 31: Connecting LCDs
The LCD segment pins can be organized in the following groups:
1.
Seventeen pins are dedicated LCD segment pins (SEG0 to SEG13, SEG16 to SEG18).
2.
Four pins are dual-function pins CKTEST/SEG19, E_RXTX/SEG38, E_TCLK/SEG33, and
E_RST/SEG32.
3.
Fourteen pins are available as combined DIO and segment pins SEG24/DIO4 to SEG31/DIO11,
SEG34/DIO14 to SEG37/DIO17, SEG39/DIO19, and SEG40/DIO20.
4.
The QFN-68 package adds an additional combination pin, SEG41/DIO21. Also adds two additional
LCD segment pins, SEG13 and SEG14.
The split between DIO and LCD use of the combined pins is controlled with the DIO register LCD_NUM.
LCD_NUM can be assigned any number between 0 and 18. The first dual-purpose pin to be allocated as
LCD is SEG41/DIO21 (on the 68-pin QFN package). Thus if LCD_NUM=2, SEG41 and SEG 40 will be
configured as LCD. The remaining SEG39 to SEG24 will be configured as DIO19 to DIO4. DIO1 and
DIO2 are always available, if not used for UART1.
Note that pins CKTEST/SEG19, E_RXTX/SEG38, E_TCLK/SEG33, and E_RST/SEG32 are not affected
by LCD_NUM.
Table 46 and Table 47 show the allocation of DIO and segment pins as a function of LCD_NUM for both
package types.
segments
78M6612
LCD
commons



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com