Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 70 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 70 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 66Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 67Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 68Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
70
Rev. 1.2
.
Figure 32: I
2C EEPROM Connection
3.8
Connecting 3-Wire EEPROMs
µWire EEPROMs and other compatible devices should be connected to the DIO pins DIO4 and DIO5, as
shown in Figure 33. DIO5 connects to both the DI and DO pins of the three-wire device. The CS pin
must be connected to a vacant DIO pin of the 78M6612. A pull-up resistor of roughly 10 k
Ω to V3P3D
(to ensure operation in BROWNOUT mode) should be used for the DI/DO signals, and the CS pin should
be pulled down with a resistor to prevent that the 3-wire device is selected on power-up, before the
78M6612 can establish a stable signal for CS. The DIO_EEX register in I/O RAM must be set to 10 in
order to convert the DIO pins DIO4 and DIO5 to µWire pins. The pull-up resistor for DIO5 may not be
necessary.
Figure 33: 3-Wire EEPROM Connection
3.9
UART0 (TX/RX)
The RX pin should be pulled down by a 10 k
Ω resistor and additionally protected by a 100 pF ceramic
capacitor, as shown in Figure 34.
Figure 34: Connections for the RX Pin
DIO4
DIO5
78M6612
EEPROM
SCL
SDA
V3P3D
10k
Ω
10k
Ω
DIO4
DIO5
EEPROM
SCL
SDA
V3P3D
10k
Ω
10k
Ω
DIO4
DIO5
EEPROM
SCLK
DI
V3P3D
10k
Ω
CS
DIOn
DO
10k
Ω
DIO4
DIO5
78M6612
EEPROM
SCLK
DI
V3P3D
10k
Ω
CS
DIOn
DO
10k
Ω
TX
RX
10k
Ω
100pF
RX
TX
TX
RX
78M6612
10k
Ω
100pF
RX
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com