Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 89 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 89 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 85Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 86Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 87Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 88Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 89Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 90Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 91Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 92Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 93Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
89
5
Electrical Specifications
5.1
Absolute Maximum Ratings
Supplies and Ground Pins:
V3P3SYS, V3P3A
-0.5 V to 4.6 V
VBAT
-0.5 V to 4.6 V
GNDD
-0.5 V to +0.5 V
Analog Output Pins:
V3P3D
-10 mA to 10 mA,
-0.5 V to 4.6 V
VREF
-10 mA to +10 mA,
-0.5 V to V3P3A+0.5
V
V2P5
-10 mA to +10 mA,
-0.5 V to 3.0 V
Analog Input Pins:
IA, VA, IB, VB, V1
-10 mA to +10 mA
-0.5 V to V3P3A+0.5
V
XIN, XOUT
-10 mA to +10 mA
-0.5 V to 3.0 V
All Other Pins:
Configured as SEG or COM drivers
-1 mA to +1 mA,
-0.5 to V3P3D+0.5
Configured as Digital Inputs
-10 mA to +10 mA,
-0.5 to 6 V
Configured as Digital Outputs
-15mA to +15mA,
-0.5V to V3P3D+0.5V
All other pins
-0.5V to V3P3D+0.5V
Operating junction temperature (peak, 100 ms)
140 °C
Operating junction temperature (continuous)
125 °C
Storage temperature
-45 °C to +165 °C
Solder temperature – 10 second duration
250 °C
ESD stress on all pins
4 kV
Stresses beyond Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and functional operation at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. All voltages are with respect to GNDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com