Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 5 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 5 Page - Teridian Semiconductor Corporation

  78M6612-IM/F/P Datasheet HTML 1Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 2Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 3Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 4Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 5Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 6Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
5
Figures
Figure 1: IC Functional Block Diagram.....................................................................................................7
Figure 2: General Topology of a Chopped Amplifier ...............................................................................10
Figure 3: AFE Block Diagram ................................................................................................................11
Figure 4: Samples from Multiplexer Cycle ..............................................................................................14
Figure 5: Accumulation Interval..............................................................................................................15
Figure 6: Interrupt Structure...................................................................................................................39
Figure 7: Optical Interface......................................................................................................................42
Figure 8: Connecting an External Load to DIO Pins ...............................................................................44
Figure 9: 3-Wire Interface. Write Command, HiZ=0 ..............................................................................47
Figure 10: 3-Wire Interface. Write Command, HiZ=1 ............................................................................48
Figure 11: 3-Wire Interface. Read Command........................................................................................48
Figure 12: 3-Wire Interface. Write Command when CNT=0 ..................................................................48
Figure 13: 3-Wire Interface. Write Command when HiZ=1 and WFR=1 ................................................48
Figure 14: Functions Defined by V1.......................................................................................................49
Figure 15: Voltage. Current, Momentary and Accumulated Energy .......................................................51
Figure 16: Timing Relationship between ADC MUX, Compute Engine, and Serial Transfers ..................52
Figure 17: RTM Output Format..............................................................................................................52
Figure 18: Operation Modes State Diagram ...........................................................................................55
Figure 19: Functional Blocks in BROWNOUT Mode (inactive blocks grayed out) ...................................56
Figure 20: Functional Blocks in LCD Mode (inactive blocks grayed out) .................................................57
Figure 21: Functional Blocks in SLEEP Mode (inactive blocks grayed out).............................................58
Figure 22: Transition from BROWNOUT to MISSION Mode when System Power Returns .....................59
Figure 23: Power-Up Timing with V3P3SYS and VBAT Tied Together ...................................................59
Figure 24: Power-Up Timing with VBAT Only.........................................................................................60
Figure 25: MPU/CE Data Flow...............................................................................................................61
Figure 26: MPU/CE Communication ......................................................................................................62
Figure 27: Resistive Voltage Divider (Left), Current Transformer (Right) .................................................63
Figure 28: Resistive Shunt.....................................................................................................................63
Figure 29: Crystal Frequency over Temperature.....................................................................................65
Figure 30: Crystal Compensation...........................................................................................................66
Figure 31: Connecting LCDs .................................................................................................................67
Figure 32: I
2C EEPROM Connection .....................................................................................................70
Figure 33: 3-Wire EEPROM Connection................................................................................................70
Figure 34: Connections for the RX Pin...................................................................................................70
Figure 35: Connection for Optical Components......................................................................................71
Figure 36: Voltage Divider for V1 ...........................................................................................................72
Figure 37: External Components for RESET: Development Circuit (Left), Production Circuit (Right).......72
Figure 38: External Components for the Emulator Interface ...................................................................73
Figure 39: Wh Accuracy, 10 mA to 20 A at 120 V/60 Hz and Room Temperature Using a 4 m
Ω
Current Shunt .....................................................................................................98
Figure 40: Measurement Accuracy over Harmonics at 240 V, 30A per IEC62053-2x Section 8.2.1
...........................................................................................................................98
Figure 41: Typical Measurement Accuracy over Temperature Relative to 25°C ......................................99
Figure 42: 64-Pin LQFP Pinout ...........................................................................................................100
Figure 43: 68-Pin QFN Pinout .............................................................................................................103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com