Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 20 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 20 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 16Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 17Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 18Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 19Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 20Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 21Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 22Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 23Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 24Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
20
Rev. 1.2
1.4.3
Special Function Registers (Generic 80515 SFRs)
Table 7
shows the location of the SFRs and the value they assume at reset or power-up.
Table 7: Special Function Registers Reset Values
Name
Location
Reset Value Description
Page
0x80
P0
0xFF
Port 0 (DIO0)
21
0x81
SP
0x07
Stack Pointer
20
0x82
DPL
0x00
Data Pointer 0 Low (Standard Data Pointer)
20
0x83
DPH
0x00
Data Pointer 0 High (Standard Data Pointer)
20
0x84
DPL1
0x00
Data Pointer 1 Low (Second Data Pointer)
17
0x85
DPH1
0x00
Data Pointer 1 High (Second Data Pointer)
17
0x86
WDTREL
0x00
Watchdog Timer Reload register
30
0x87
PCON
0x00
UART Speed Control
28
0x88
TCON
0x00
Timer/Counter Control
26
0x89
TMOD
0x00
Timer Mode Control
27
0x8A
TL0
0x00
Timer 0, low byte
27
0x8B
TL1
0x00
Timer 1, high byte
27
0x8C
TH0
0x00
Timer 0, low byte
27
0x8D
TH1
0x00
Timer 1, high byte
27
0x8E
CKCON
0x01
Clock Control (Stretch=1)
16
0x90
P1
0xFF
Port 1 (DIO1)
21
0x92
DPS
0x00
Data Pointer select Register
17
0x98
S0CON
0x00
Serial Port 0, Control Register
24
0x99
S0BUF
0x00
Serial Port 0, Data Buffer
23
0x9A
IEN2
0x00
Interrupt Enable Register 2
32
0x9B
S1CON
0x00
Serial Port 1, Control Register
25
0x9C
S1BUF
0x00
Serial Port 1, Data Buffer
23
0x9D
S1RELL
0x00
Serial Port 1, Reload Register, low byte
23
0xA0
P2
0x00
Port 2 (DIO2)
21
0xA8
IEN0
0x00
Interrupt Enable Register 0
31
0xA9
IP0
0x00
Interrupt Priority Register 0
29
0xAA
S0RELL
0xD9
Serial Port 0, Reload Register, low byte
23
0xB8
IEN1
0x00
Interrupt Enable Register 1
31
0xB9
IP1
0x00
Interrupt Priority Register 1
36
0xBA
S0RELH
0x03
Serial Port 0, Reload Register, high byte
23
0xBB
S1RELH
0x03
Serial Port 1, Reload Register, high byte
23
0xBF
USR2
0x00
User 2 Port, high address byte for MOVX@Ri
16
0xC0
IRCON
0x00
Interrupt Request Control Register
33
0xC8
T2CON
0x00
Polarity for INT2 and INT3
32
0xD0
PSW
0x00
Program Status Word
20
0xD8
WDCON
0x00
Baud Rate Control Register (only WDCON.7 bit used)
23
0xE0
A
0x00
Accumulator
20
0xF0
B
0x00
B Register
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com