Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 45 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 45 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 41Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 42Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 43Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 44Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 45Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 46Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 47Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 48Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 49Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
45
Table 40: Selectable Controls using the DIO_DIR Bits
DIO_R Value
Resource Selected for DIO Pin
0
NONE
1
Reserved
2
T0 (counter0 clock)
3
T1 (counter1 clock)
4
High priority I/O interrupt (INT0 rising)
5
Low priority I/O interrupt (INT1 rising)
6
High priority I/O interrupt (INT0 falling)
7
Low priority I/O interrupt (INT1 falling)
1.5.8
LCD Drivers
The device in the 68-pin QFN package contains 20 dedicated LCD segment drivers in addition to the 18
multi-use pins described above. Thus, the device is capable of driving between 80 to 152 pixels of LCD
display with 25% duty cycle (or 60 to 114 pixels with 33% duty cycle). At eight pixels per digit, this
corresponds to 10 to 19 digits.
The device in the 64-pin LQFP package contains 18 dedicated LCD segment drivers in addition to the 17
multi-use pins described above. Thus, the device is capable of driving between 72 to 140 pixels of LCD
display with 25% duty cycle (or 60 to 105 pixels with 33% duty cycle). At eight pixels per digit, this
corresponds to 9 to 17 digits.
The LCD drivers are grouped into four commons and up to 38 segment drivers (68-pin package), or 4
commons and 35 segment drivers (64-pin package). The LCD interface is flexible and can drive either
digit segments or enunciator symbols.
Segment drivers SEG18 and SEG19 can be configured to blink at either 0.5 Hz or 1 Hz. The blink rate
is controlled by LCD_Y. There can be up to four pixels/segments connected to each of these drivers.
LCD_BLKMAP18[3:0] and LCD_BLKMAP19[3:0] identify which pixels, if any, are to blink.
LCD interface memory is powered by the non-volatile supply. The bits of the LCD memory
are preserved in LCD and SLEEP modes, even if their pin is not configured as SEG. In this
case, they can be useful as general- purpose non-volatile storage.
1.5.9
Battery Monitor
The battery voltage is measured by the ADC during alternative MUX frames if the BME (Battery Measure
Enable) bit is set. While BME is set, an on-chip 45 k
Ω load resistor is applied to the battery and a scaled
fraction of the battery voltage is applied to the ADC input. After each alternative MUX frame, the result of
the ADC conversion is available at CE DRAM address 0x07. BME is ignored and assumed zero when
system power is not available. See Section 5.4.4 Battery Monitor for details regarding the ADC LSB size
and the conversion accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com